Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 31Page - NXP Semiconductors SAA7824 Datasheet HTML 32Page - NXP Semiconductors SAA7824 Datasheet HTML 33Page - NXP Semiconductors SAA7824 Datasheet HTML 34Page - NXP Semiconductors SAA7824 Datasheet HTML 35Page - NXP Semiconductors SAA7824 Datasheet HTML 36Page - NXP Semiconductors SAA7824 Datasheet HTML 37Page - NXP Semiconductors SAA7824 Datasheet HTML 38Page - NXP Semiconductors SAA7824 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
2003 Oct 01
35
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7.16.9.4
Automatic sequencers and timer interrupts
Two automatic sequencers are implemented (and must be
initialized after Power-on):
• Auto-start sequencer: controls the start-up of focus,
radial and motor
• Auto-stop sequencer: brakes the disc and shuts down
the servos.
When the automatic sequencers are not used it is possible
to generate timer interrupts, defined by the
time_parameter coefficient.
7.16.9.5
High-level status
The read high-level status command can be used to obtain
the interrupt, decoder, autosequencer status registers and
the motor start time. Use of the read high-level status
command clears the interrupt status register, and
re-enables the subcode read via a servo command.
7.16.10 DRIVER INTERFACE
The control signals (pins RA, FO and SL) for the
mechanism actuators are pulse density modulated. The
modulating frequency can be set to either 1.0584 or
2.1168 MHz; controlled via the xtra_preset parameter.
An analog representation of the output signals can be
achieved by connecting a 1st-order low-pass filter to the
outputs.
During reset (i.e. RESET pin is held LOW) the RA, FO and
SL pins are high-impedance. At all other times, when the
laser is switched off, the RA and FO pins output a 2 MHz
50% duty factor signal.
7.16.11 LASER INTERFACE
The laser diode pre-amplifier function is built into the
SAA7824 and is illustrated in Fig.24. The current can be
regulated, up to 120 mA in four steps ranging from 58% up
to full power. New shadow register A (bank 2) and new
shadow register 3 (bank 3) are used to select the step
values.
The voltage derived from the monitor diode is maintained
at a steady state by the laser drive circuitry, regulating the
current through the laser diode. The type of monitor diode
being used (150 mV or 180 mV) must be selected by new
shadow register 7 (bank 2) (reset state = 150 mV).
The laser can be switched on or off by the xtra_preset
parameter; it is automatically driven if the focus control
loop is active.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
logo
Sony Corporation
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com