Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 30Page - NXP Semiconductors SAA7824 Datasheet HTML 31Page - NXP Semiconductors SAA7824 Datasheet HTML 32Page - NXP Semiconductors SAA7824 Datasheet HTML 33Page - NXP Semiconductors SAA7824 Datasheet HTML 34Page - NXP Semiconductors SAA7824 Datasheet HTML 35Page - NXP Semiconductors SAA7824 Datasheet HTML 36Page - NXP Semiconductors SAA7824 Datasheet HTML 37Page - NXP Semiconductors SAA7824 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
2003 Oct 01
34
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
handbook, full pagewidth
DECIMATION
FILTER
FAST
FILTER
DEFECT
GENERATION
PROGRAMMABLE
HOLD-OFF
SLOW
FILTER
defect
output
sat1
sat2
+
MBG421
Fig.22 Block diagram of the defect detector.
7.16.9
HIGH-LEVEL FEATURES
7.16.9.1
Interrupt mechanism and STATUS pin
The STATUS pin is an output which can be configured by
decoder register 7 and new shadow register C (bank 3) for
one of three different modes of operation. These are:
• Output the interrupt signal generated by the servo part
(it should be noted that the selection of this mode will
override all other modes)
• Output the decoder status bit (active LOW) selected by
decoder register 2 (only available in 4-wire bus mode)
• Output DC offset information (it should be noted that this
mode is used in conjunction with the decoder status
mode; see Section 7.5).
Eight signals from the interrupt status register are
selectable from the servo part via the interrupt_mask
parameter. The interrupt is reset by sending the read
high-level status command. The 8 signals are as follows:
• Focus lost: dropout of longer than 3 ms
• Subcode ready
• Subcode absolute seconds changed
• Subcode discontinuity detected: new subcode time
before previous subcode time, or more than 10 frames
later than previous subcode time
• Radial error: during radial on-track, no new subcode
frame occurs within the time defined by the
‘playwatchtime’ parameter; during radial jump, less than
4 tracks have been crossed during the time defined by
the ‘jumpwatchtime’ parameter
• Autosequencer state change
• Autosequencer error
• Subcode interface blocked: the internal decoder
interface is being used.
It should be noted that if the STATUS pin is configured to
output decoder status information [decoder register
7 = XX10 and new shadow register C (bank 3) = X00X]
and either the microcontroller writes a different value to
decoder register 2 or the decoder interface is enabled then
the STATUS output will change.
7.16.9.2
Decoder interface
The decoder interface allows decoder and shadow
registers to be programmed and subcode Q-channel data
to be read via servo commands. The interface is enabled
or disabled by the preset latch command (and the
xtra_preset parameter).
7.16.9.3
Automatic error handling
Three Watchdogs are present:
• Focus: detects focus dropout of longer than 3 ms, sets
focus lost interrupt, switches off radial and sledge
servos and disables the drive-to-disc motor
• Radial play: started when radial servo is in on-track
mode and a first subcode frame is found; detects when
the maximum time between two subcode frames
exceeds the time set by the playwatchtime parameter; it
then sets the radial error interrupt, switches radial and
sledge servos off and puts the disc motor into jump
mode
• Radial jump: active when radial servo is in long jump or
short jump modes; detects when the off-track counter
value decreases by less than 4 tracks between two
readings (the time interval is set by the jumpwatchtime
parameter); it then sets the radial jump error, switches
radial and sledge servos off to cancel jump.
The focus Watchdog is always active, the radial
Watchdogs are selectable via the radcontrol parameter.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
logo
Sony Corporation
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com