Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 29Page - NXP Semiconductors SAA7824 Datasheet HTML 30Page - NXP Semiconductors SAA7824 Datasheet HTML 31Page - NXP Semiconductors SAA7824 Datasheet HTML 32Page - NXP Semiconductors SAA7824 Datasheet HTML 33Page - NXP Semiconductors SAA7824 Datasheet HTML 34Page - NXP Semiconductors SAA7824 Datasheet HTML 35Page - NXP Semiconductors SAA7824 Datasheet HTML 36Page - NXP Semiconductors SAA7824 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
2003 Oct 01
33
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
In the sledge jump mode maximum power (user
programmable) is applied to the sledge in the correct
direction while the actuator becomes idle (the content of
the actuator integrator leaks to zero just after the sledge
jump mode is initiated). The actuator can be electronically
damped during sledge jump. The gain of the damping loop
is controlled via the hold_mult parameter.
The fast track jumping circuitry can be enabled or disabled
via the xtra_preset parameter.
7.16.4.5
Radial automatic gain control loop
The loop gain of the radial control loop can be corrected
automatically to eliminate tolerances in the radial loop.
This gain control injects a signal into the loop which is used
to correct the loop gain. Since this decreases the optimum
performance, the gain control should only be activated for
a short time (for example, when starting a new disc).
This gain control differs from the level initialization. The
level initialization should be performed first. The
disadvantage of using the level initialization without the
gain control is that only tolerances from the front-end are
reduced.
7.16.5
OFF-TRACK COUNTING
The Track Position signal (TPI) is a flag which is used to
indicate whether the radial spot is positioned on the track,
with a margin of
±0.25 of the track pitch. In combination
with the Radial Polarity flag (RP) the relative spot position
over the tracks can be determined.
These signals can have uncertainties caused by:
• Disc defects such as scratches and fingerprints
• The HF information on the disc, which is considered as
noise by the detector signals.
In order to determine the spot position with sufficient
accuracy, extra conditions are necessary to generate a
Track Loss signal (TL) and an off-track counter value.
These extra conditions influence the maximum speed and
this implies that, internally, one of the following three
counting states is selected:
1. Protected state: used in normal play situations. A good
protection against false detection caused by disc
defects is important in this state.
2. Slow counting state: used in low velocity track jump
situations. In this state a fast response is important
rather than the protection against disc defects (if the
phase relationship between TL and RP of 0.5
π radians
is affected too much, the direction cannot then be
determined accurately).
3. Fast counting state: used in high velocity track jump
situations. Highest obtainable velocity is the most
important feature in this state.
7.16.6
TRACK COUNTING MODES
Fast counting mode is auto-selected for a track crossing
speed above 1200 tracks/s. In this case the off-track
counting decrements occur only for effect of the RP signal,
and the direction of the jump is already known because the
Slow counting mode occurs before going into Fast
counting mode.
When the Slow counting mode is selected, the maximum
track crossing speed that can be reached is 12 kHz
(providing that the maximum value for rad_pole_lead is
used). In this case the direction of the jump is given by the
phase shift between RP and TL (+90 degrees for outward
jumps,
−90 degrees for inward jumps). The number of
pulses in the TL signal gives the number of tracks crossed.
When the Fast counting mode is enabled, whenever the
track crossing speed goes below 12 kHz, the counting
mode is automatically changed to Slow.
7.16.7
DEFECT DETECTION
A defect detection circuit is incorporated into the
SAA7824. If a defect is detected, the radial and focus error
signals may be zeroed, resulting in better playability. The
defect detector can be switched off, applied only to focus
control or applied to both focus and radial controls under
software control (part of foc_parm1).
The defect detector (see Fig 22) has programmable set
points selectable by the parameter defect_parm.
7.16.8
OFF-TRACK DETECTION
During active radial tracking, off-track detection has been
realised by continuously monitoring the off-track counter
value. The off-track flag becomes valid whenever the
off-track counter value is not equal to zero. Depending on
the type of extended S-curve, the off-track counter is reset
after 0.75 extend or at the original track in the 2.25 track
extend mode.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com