Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 26Page - NXP Semiconductors SAA7824 Datasheet HTML 27Page - NXP Semiconductors SAA7824 Datasheet HTML 28Page - NXP Semiconductors SAA7824 Datasheet HTML 29Page - NXP Semiconductors SAA7824 Datasheet HTML 30Page - NXP Semiconductors SAA7824 Datasheet HTML 31Page - NXP Semiconductors SAA7824 Datasheet HTML 32Page - NXP Semiconductors SAA7824 Datasheet HTML 33Page - NXP Semiconductors SAA7824 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
2003 Oct 01
30
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
01
(bank 1)
C
signal magnitude
control for diodes
R1 and R2 (LF
only)
1100
0000
20
0001
25
0010
30
0011
40
0100
60
0101
75
0110
100
0111
120
1000
150
1001
200
1010
270
1011
350
1100
450
1101
600
1110
720
1111
960
reset
SHADEN BITS
SHADOW
REGISTER
ADDRESS
DATA
VOLTAGE (mV)
INITIAL
7.16.2
SIGNAL CONDITIONING
The digital codes retrieved from the ADCs are applied to
logic circuitry to obtain the various control signals. The
signals from the central aperture diodes are processed to
obtain a normalised focus error signal:
Where the detector set-up is assumed to be as shown in
Fig.21.
In the event of single Foucault focusing method, the signal
conditioning can be switched under software control such
that the signal processing is as follows:
The error signal, FEn, is further processed by a
Proportional Integral and Differential (PID) filter section.
A Focus OK (FOK) flag is generated by the central
aperture signal and an adjustable reference level. This
signal is used to provide extra protection for the
Track-Loss (TL) generation, the focus start-up procedure
and the dropout detection.
The radial or tracking error signal is generated by the
satellite detector signals R1 and R2. The radial error
signal can be formulated as follows:
REs = (R1 − R2) × re_gain + (R1 + R2) × re_offset.
Where the index ‘s’ indicates the automatic scaling
operation which is performed on the radial error signal.
This scaling is necessary to avoid non-optimum dynamic
range usage in the digital representation and reduces the
radial bandwidth spread. Furthermore, the radial error
signal will be made free from offset during start-up of the
disc.
The four signals from the central aperture detectors,
together with the satellite detector signals generate a
Track Position signal (TPI) which can be formulated as
follows:
TPI = sign [(D1 + D2 + D3 + D4)
− (R1 + R2) × sum_gain]
Where the weighting factor sum_gain is generated
internally by the SAA7824 during initialization.
FE
n
D1
D2
D1
D2
+
----------------------
D3
D4
D3
D4
+
----------------------
=
FE
n
2
D1
D2
D1
D2
+
----------------------
×
=


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com