Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 24Page - NXP Semiconductors SAA7824 Datasheet HTML 25Page - NXP Semiconductors SAA7824 Datasheet HTML 26Page - NXP Semiconductors SAA7824 Datasheet HTML 27Page - NXP Semiconductors SAA7824 Datasheet HTML 28Page - NXP Semiconductors SAA7824 Datasheet HTML 29Page - NXP Semiconductors SAA7824 Datasheet HTML 30Page - NXP Semiconductors SAA7824 Datasheet HTML 31Page - NXP Semiconductors SAA7824 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
2003 Oct 01
28
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7.15.3
LOOP CHARACTERISTICS
The gain and crossover frequencies of the motor control
loop can be programmed via decoder registers 4 and 5.
The following parameter values are possible:
• Gains: 3.2, 4.0, 6.4, 8.0, 12.8, 16, 25.6 and 32
• Crossover frequency f4: 0.5 × n Hz, 0.7 × n Hz,
1.4
× n Hz and 2.8 × nHz
• Crossover frequency f3: 0.85 × n Hz, 1.71 × n Hz and
3.42
× n Hz.
It should be noted that the crossover frequencies f3 and f4
are scaled with the overspeed factor ‘n’ whereas the gains
are not.
7.15.4
FIFO OVERFLOW
If FIFO overflow occurs during Play mode (e.g. as a result
of motor rotational shock), the FIFO will be automatically
reset to 50% and the audio interpolator will conceal as
much as possible to minimize the effect of data loss.
Table 12 Operating modes
MODE
DESCRIPTION
Start mode 1
The disc is accelerated by applying a positive voltage to the spindle motor. No decisions are
involved and the PLL is reset. No disc speed information is available for the microcontroller.
Start mode 2
The disc is accelerated as in start mode 1, however the PLL will monitor the disc speed. When the
disc reaches 75% of its nominal speed, the controller will switch to jump mode. The motor status
signals selectable via register 2 are valid.
Jump mode
Motor servo enabled but FIFO kept reset at 50%, integrator is held. The audio is muted but it is
possible to read the subcode. It should be noted that in the CD-ROM modes the data, on EBU and
the I2S-bus, is not muted.
Jump mode 1
Similar to jump mode but motor integrator is kept at zero. It is used for long jumps where there is a
large change in disc speed.
Play mode
FIFO released after resetting to 50% and the audio mute is released.
Stop mode 1
Disc is braked by applying a negative voltage to the motor; no decisions are involved.
Stop mode 2
The disc is braked as in stop mode 1 but the PLL will monitor the disc speed. As soon as the disc
reaches 12% (or 6%, depending on the programmed brake percentage, via register E) of its
nominal speed, the MOTSTOP status signal will go HIGH and switch the motor servo to off mode.
Off mode
Motor not steered.
MGA362 - 2
G
f
4
fBW
3
f
Fig.20 Motor servo mode diagram.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com