![]() |
Electronic Components Datasheet Search |
|
SAA7824 Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
SAA7824 Datasheet(HTML) 25 Page - NXP Semiconductors |
25 / 89 page ![]() 2003 Oct 01 25 Philips Semiconductors Product specification CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control SAA7824 Table 11 Pin applications PIN NAME PIN NUMBER TYPE REGISTER ADDRESS REGISTER DATA FUNCTION V1 71 input 1100 XXX1 external off-track signal input − XXX0 internal off-track signal used input may be read via decoder status bit; selected via register 2 V2 72 input −− input may be read via decoder status bit; selected via register 2 V3 73 output 1100 00XX output = 0 − 01XX output = 1 V4 74 output 1101 0000 4-line motor drive (using V4 and V5) − XX01 Q-to-W subcode output − XX10 output = 0 − XX11 output = 1 V5 75 output 1101 01XX de-emphasis output (active HIGH) − 10XX output = 0 − 11XX output = 1 7.15 Spindle motor control 7.15.1 MOTOR OUTPUT MODES The spindle motor speed is controlled by a fully integrated digital servo. Address information from the internal ±8 frame FIFO and disc speed information are used to calculate the motor control output signals. Several output modes, selected by decoder register 6, are supported: • Pulse density, 2-line (true complement output), (1 × n) MHz sample frequency • PWM output, 2-line, (22.05 × n) kHz modulation frequency • PWM output, 4-line, (22.05 × n) kHz modulation frequency • CDV motor mode. 7.15.1.1 Pulse density output mode In the pulse density mode the motor output pin (MOTO1) is the pulse density modulated motor output signal. A 50% duty factor corresponds with the motor not actuated, higher duty factors mean acceleration, lower duty factors means braking. In this mode, the MOTO2 signal is the inverse of the MOTO1 signal. Both signals change state only on the edges of a (1 × n) MHz internal clock signal. 7.15.1.2 PWM output mode (2-line) In the PWM mode the motor acceleration signal is put in pulse-width modulation form on the MOTO1 output. The motor braking signal is pulse-width modulated on the MOTO2 output. The timing is illustrated in Fig 16. A typical application diagram is illustrated in Fig 17. rep t = 45 µs t 240 ns dead Accelerate Brake MOTO1 MOTO2 MGA366 Fig.16 2-line PWM mode timing. |
Similar Part No. - SAA7824 |
|
Similar Description - SAA7824 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |