Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 20Page - NXP Semiconductors SAA7824 Datasheet HTML 21Page - NXP Semiconductors SAA7824 Datasheet HTML 22Page - NXP Semiconductors SAA7824 Datasheet HTML 23Page - NXP Semiconductors SAA7824 Datasheet HTML 24Page - NXP Semiconductors SAA7824 Datasheet HTML 25Page - NXP Semiconductors SAA7824 Datasheet HTML 26Page - NXP Semiconductors SAA7824 Datasheet HTML 27Page - NXP Semiconductors SAA7824 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
2003 Oct 01
24
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Table 10 Bit assignment
FUNCTION
BITS
DESCRIPTION
Control
0 to 3
copy of CRC checked Q-channel control bits 0 to 3; bit 2 is logic 1 when copy
permitted; bit 3 is logic 1 when recording has pre-emphasis
Reserved mode
4 to 7
always zero
Category code
8 to 15
CD: bit 8 = logic 1, all other bits = logic 0
Clock accuracy
28 to 29
set by register A; 10 = level I; 00 = level II; 01 = level III
Remaining
6 to 27 and
30 to 191
always zero
7.12
KILL features
7.12.1
THE KILL CIRCUIT
The KILL circuit detects digital silence by testing for an
all-zero or all-ones data word in the left and right channels.
This occurs in two places; prior to the digital filter (internal
KILL), and in the digital DAC (loopback/external KILL).
Programming bit 3 of new shadow register A (bank 2)
determines whether internal or external data is used. The
output is switched to active HIGH when silence has been
detected for at least 270 ms, or if mute is active, or in
CD-ROM mode. Two KILL modes are available which can
be selected by decoder register C:
• Mono KILL: LKILL and RKILL are both active HIGH
when silence is detected on left and right channels
simultaneously
• Stereo KILL: LKILL and RKILL are active HIGH
independently of each other when silence is detected on
either channel.
7.12.2
SILENCE INJECTION
The silence inject function monitors the left and right KILL
signals and forces the analog DAC into silence when KILL
is asserted. This improves the internal Signal-to-Noise
Ratio (SNR) by preventing any spurious noise from
reaching the DAC. The silence inject function can be
enabled or disabled by programming bit 2 of the new
shadow register A (bank 2).
7.13
Audio features off
The audio features can be turned off (selected by decoder
register E) and will affect the following functions:
• Digital filter, fade, peak detector, internal KILL circuit
(although RKILL and LKILL outputs still active) are
disabled
• V5 (if selected to be the de-emphasis flag output) and
the EBU outputs become undefined.
The EBU output should be set LOW prior to switching the
audio features off and after switching the audio features
back on, a full-scale command should be given.
7.14
The versatile pins interface
The SAA7824 has five pins that can be reconfigured for
different applications.
The functions of these versatile pins are identical to the
SAA732x series and can be programmed by decoder
registers C, D and shadow register 3 (bank 1) as shown in
Table 11.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com