Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 19Page - NXP Semiconductors SAA7824 Datasheet HTML 20Page - NXP Semiconductors SAA7824 Datasheet HTML 21Page - NXP Semiconductors SAA7824 Datasheet HTML 22Page - NXP Semiconductors SAA7824 Datasheet HTML 23Page - NXP Semiconductors SAA7824 Datasheet HTML 24Page - NXP Semiconductors SAA7824 Datasheet HTML 25Page - NXP Semiconductors SAA7824 Datasheet HTML 26Page - NXP Semiconductors SAA7824 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 89 page
background image
2003 Oct 01
23
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7.11
EBU interface
The bi-phase mark digital output signal at pin DOBM is in
accordance with the format defined by the IEC 60958
specification. Three different modes can be selected via
decoder register A:
• DOBM pin held LOW
• Data taken before concealment, mute and fade (must
always be used for CD-ROM modes)
• Data taken after concealment, mute and fade.
An additional mute function is available via shadow
register 7 (bank 1) and decoder register 0 and C. They
provide the following:
• Hard mute: immediate mute of the audio sample in the
ROM mode at 1
×, 2× or 4×
• Soft mute: 3 ms ramp up or ramp down of the audio
samples in the 1
× audio mode
• Bypass: switches the EBU mute function out of the EBU
signal path.
7.11.1
FORMAT
The digital audio output consists of 32-bit words
(‘subframes’) transmitted in bi-phase mark code (two
transitions for a logic 1 and one transition for a logic 0).
Words are transmitted in blocks of 384. The EBU frame
format is given in Table 8.
Table 8
EBU frame format; see also Table 9
Table 9
Description of EBU frame function
FUNCTION
BITS
DESCRIPTION
Sync
0 to 3
Auxiliary
4 to 7
not used; normally zero
Error flags
4
CFLG error and interpolation flags when selected by register A
Audio sample
8 to 27
first 4 bits not used (always zero); twos complement; LSB = bit 12, MSB = bit 27
Validity flag
28
valid = logic 0
User data
29
used for subcode data (Q-to-W)
Channel status
30
control bits and category code
FUNCTION
DESCRIPTION
Sync
The sync word is formed by violation of the bi-phase rule and therefore does not contain any data.
Its length is equivalent to 4 data bits. The 3 different sync patterns indicate the following situations:
sync B; start of a block (384 words), word contains left sample; sync M; word contains left sample
(no block start) and sync W; word contains right sample.
Audio sample
Left and right samples are transmitted alternately.
Validity flag
Audio samples are flagged (bit 28 = 1) if an error has been detected but was uncorrectable. This
flag remains the same even if data is taken after concealment.
User data
Subcode bits Q-to-W from the subcode section are transmitted via the user data bit. This data is
asynchronous with the block rate.
Channel status
The channel status bit is the same for left and right words. Therefore a block of 384 words contains
192 channel status bits. The category code is always CD. The bit assignment is given in Table 10.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com