Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 16Page - NXP Semiconductors SAA7824 Datasheet HTML 17Page - NXP Semiconductors SAA7824 Datasheet HTML 18Page - NXP Semiconductors SAA7824 Datasheet HTML 19Page - NXP Semiconductors SAA7824 Datasheet HTML 20Page - NXP Semiconductors SAA7824 Datasheet HTML 21Page - NXP Semiconductors SAA7824 Datasheet HTML 22Page - NXP Semiconductors SAA7824 Datasheet HTML 23Page - NXP Semiconductors SAA7824 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
2003 Oct 01
20
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Interpolation
Hold
Interpolation
MGA372
OK
Error
OK
Error
Error
Error
OK
OK
Fig.13 Concealment mechanism.
7.10
Audio DAC interface
7.10.1
INTERNAL DYNAMIC ELEMENT MATCHING DIGITAL-TO-ANALOG CONVERTER
The onboard audio DEM DAC operates at an oversampling rate of 96fs and is designed for operation with an audio input
at 1fs. The DAC is equipped with two pairs of stereo outputs for driving medium impedance line outputs and for directly
driving low impedance headphones. A pair of analog inputs are provided to enable external audio sources to make use
of the headphone output buffers.
Audio data from the decoder part of the SAA7824 can be routed as described in Sections 7.10.1.1 and 7.10.1.2.
Table 6
Shadow register
7.10.1.1
Use of internal DAC
Setting shadow register 7 to 0010 will route audio data from the decoder into the internal DAC. To enable the on-board
DAC, the DAC interface format (set by register 3) must be set to 16-bit 1fs mode, either I2S-bus or EIAJ format. CD-ROM
mode can also be used if interpolation is not required. The serial data output pins for interfacing with an external DAC
(SCLK, WCLK, DATA and EF) are set to high-impedance.
SHADEN BITS
SHADOW
REGISTER
ADDRESS
DATA
FUNCTION
RESET
01
(bank 1)
7
control of
onboard DAC
0111
0000
use external DAC or route audio data
back into onboard DAC (loopback
mode)
reset
0010
route audio data directly into onboard
DAC (non-loopback mode)


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com