Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 13Page - NXP Semiconductors SAA7824 Datasheet HTML 14Page - NXP Semiconductors SAA7824 Datasheet HTML 15Page - NXP Semiconductors SAA7824 Datasheet HTML 16Page - NXP Semiconductors SAA7824 Datasheet HTML 17Page - NXP Semiconductors SAA7824 Datasheet HTML 18Page - NXP Semiconductors SAA7824 Datasheet HTML 19Page - NXP Semiconductors SAA7824 Datasheet HTML 20Page - NXP Semiconductors SAA7824 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
2003 Oct 01
17
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
W96
1Q
R
S
TU
V
W
1Q
200/n
µs
min
11.3/n
µs
11.3/n
µs min
90/n
µs max
MBG401
Fig.10 Subcode format and timing on pin V4.
Where n = disc speed.
handbook, full pagewidth
CRC flag
D0
D1
D2
D3
D126
D127
CDTCLK
CDTRDY
CDTDATA
MBL441
73/n
µs to 317/n µs
~1/n ns
200 ns (min)
Fig.11 CD text interface format and timing.
Where n = disc speed.
7.8
FIFO and error correction
The SAA7824 has a
±8 frame FIFO. The error corrector is
a t = 2, e = 4 type, with error corrections on both C1
(32 symbol) and C2 (28 symbol) frames. Four symbols are
used from each frame as parity symbols. This error
corrector can correct up to two errors on the C1 level and
up to four errors on the C2 level.
The error corrector also contains a flag processor. Flags
are assigned to symbols when the error corrector cannot
ascertain if the symbols are definitely good. C1 generates
output flags which are read after de-interleaving by C2, to
help in the generation of C2 output flags.
The C2 output flags are used by the interpolator for
concealment of uncorrectable errors. They are also output
via the EBU signal (DOBM). The EF output will flag bytes
in error in both audio and CD-ROM modes.
7.8.1
FLAGS OUTPUT (CFLG)
The flags output pin CFLG shows the status of the error
corrector and interpolator and is updated every frame
(7.35
× n kHz). In the SAA7824, 8 × 1-bit flags are present
on the CFLG pin as illustrated in Fig.12. This signal shows
the status of the error corrector and interpolator.
The first flag bit, F1, is the absolute time sync signal, the
FIFO-passed subcode sync and relates the position of the
subcode sync to the audio data (DAC output). This flag
may also be used in a super FIFO or in the synchronization
of different players. The output flags can be made
available at bit 4 of the EBU data format (LSB of the 24-bit
data word), if selected by decoder register A.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com