Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 8Page - NXP Semiconductors SAA7824 Datasheet HTML 9Page - NXP Semiconductors SAA7824 Datasheet HTML 10Page - NXP Semiconductors SAA7824 Datasheet HTML 11Page - NXP Semiconductors SAA7824 Datasheet HTML 12Page - NXP Semiconductors SAA7824 Datasheet HTML 13Page - NXP Semiconductors SAA7824 Datasheet HTML 14Page - NXP Semiconductors SAA7824 Datasheet HTML 15Page - NXP Semiconductors SAA7824 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
2003 Oct 01
12
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Table 3
Registers relating to the DC offset cancellation
SHADEN BITS
SHADOW
REGISTER
ADDRESS
DATA
FUNCTION
INITIAL
10
(bank 2)
C
DC offset
measurement
times
1100
XX00
settling time = 354
µs
reset
XX01
settling time = 1 ms
XX10
settling time = 2 ms
XX11
settling time = 10 ms
11
(bank 3)
3
diode selection
for DC offset
measurement
0011
0000
select D1
reset
0001
select D1
0010
select D2
0011
select D3
0100
select D4
0101
select R1
0110
select R2
0111
select D1
C
STATUS pin
control
1100
X00X
STATUS pin outputs
decoder status register
information
reset
X01X
STATUS pin outputs DC
offset ready flag
X10X
STATUS pin outputs DC
offset value
7
DC cancellation
levels
0111
multi-write
(9
× 4 bits)
DC cancellation values for
diodes D1 to D4 and R1
and R2; see Table 20
handbook, full pagewidth
MBL440
D7
D6
D5
D4
D3
D2
D1
D0
D0
D1
272.1/n
µs
2.19/n
µs
Fig.6 Serial data format for DC offset data.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com