Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 6Page - NXP Semiconductors SAA7824 Datasheet HTML 7Page - NXP Semiconductors SAA7824 Datasheet HTML 8Page - NXP Semiconductors SAA7824 Datasheet HTML 9Page - NXP Semiconductors SAA7824 Datasheet HTML 10Page - NXP Semiconductors SAA7824 Datasheet HTML 11Page - NXP Semiconductors SAA7824 Datasheet HTML 12Page - NXP Semiconductors SAA7824 Datasheet HTML 13Page - NXP Semiconductors SAA7824 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
2003 Oct 01
10
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7.2.4
STANDBY MODES
The SAA7824 may be placed in two standby modes,
selected by decoder register B (it should be noted that the
device core is still active):
• Standby 1: CD STOP mode; most I/O functions are
switched off
• Standby 2: CD PAUSE mode; audio output features are
switched off, but the motor loop, the motor output and
the subcode interfaces remain active; this is also called
a ‘Hot Pause’.
In the standby modes the various pins will have the
following values:
• MOTO1 and MOTO2: put in to high-impedance, PWM
mode (Standby 1 and RESET: operating in Standby 2);
put in high-impedance, PDM mode (Standby 1 and
RESET: operating in Standby 2)
• Pins SCL and SDA: no interaction; normal operation
continues
• Pins SCLK, WCLK, DATA, EF and DOBM: 3-state in
both standby modes; normal operation continues after
reset
• Pins OSCIN, OSCOUT, CLK16 and CLK4/12: no
interaction; normal operation continues
• Pins V1 to V5 and CFLAG: no interaction; normal
operation continues.
Table 1
Playback speeds
7.3
Crystal oscillator
The crystal oscillator is a conventional 2-pin design which
can also operate with ceramic resonators. The external
components used around the crystal are illustrated in Fig.4
together with component values (C1 and C2) for a given
crystal type given in Table 2. Oscillator frequencies that is
used with the SAA7824 is 8.4672 MHz.
REGISTER B
REGISTER E
fxtal = 8.4672 MHz
0XXX
0XXX
n = 1
1XXX
0XXX
n = 2; voltage mode
only
0XXX
1XXX
n = 4; voltage mode
only
handbook, halfpage
SAA7824
OSCILLATOR
XTAL
OSCOUT
OSCIN
C2
C1
MBL439
Fig.4 Crystal configuration.
Table 2
External capacitor selection based upon the crystal type
CRYSTAL LOAD
CAPACITANCE (CL)
MAXIMUM SERIES
CRYSTAL RESISTANCE
(RS)
EXTERNAL LOAD CAPACITORS
8 MHz
C1
C2
10 pF
<300
8pF
8 pF
20 pF
<300
27 pF
27 pF
30 pF
<300
47 pF
47 pF


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com