Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 79Page - NXP Semiconductors SAA7824 Datasheet HTML 80Page - NXP Semiconductors SAA7824 Datasheet HTML 81Page - NXP Semiconductors SAA7824 Datasheet HTML 82Page - NXP Semiconductors SAA7824 Datasheet HTML 83Page - NXP Semiconductors SAA7824 Datasheet HTML 84Page - NXP Semiconductors SAA7824 Datasheet HTML 85Page - NXP Semiconductors SAA7824 Datasheet HTML 86Page - NXP Semiconductors SAA7824 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
2003 Oct 01
83
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
handbook, full pagewidth
SAA7824HL
MBL454
SBSY
C4
100 nF
(50 V)
C1
100 nF
(50 V)
C2
33
µF
(16 V)
SFSY
VSSD
to mini micro
for playability test
to headphone
VSSD
3.3 VDD
1.8 VDD
SUB
58
60
59
55
57
56
52
54
53
49
51
50
46
48
47
43
45
44
42
41
RCK
STATUS
SILD
MUTE
STATUS
TRAY 5 W
RAB
SCL
SDA
RESET
CLK4/12
CLK16
SCLK
WCLK
DATA
EF
SCLI
WCLI
SDI
VDDD1
R12
10
(0.6 W)
C9
100 nF
(50 V)
SCL
SDA
RESET
CDTCLK
CDTDATA
CDTRDY
WCLK
SCLK
CFLAG
DATA
C8
33
µF
(16 V)
VSSD
5 V
VSSD
C11
33
µF
(16 V)
10
(0.6 W)
33
µF
(16 V)
R10
10 k
10
µF (50 V)
10
µF (50 V)
10
(0.6 W)
C10
C14
C16
1
2
34
audio L
audio R
5
R23
R22
VSSD
VSSD
VSSD
3.3 VDD
VSSD
3.3 VDD
C5
100 nF
(50 V)
R14
10 k
(0.6 W)
R16
24 k
(0.6 W)
R11
10
(0.6 W)
R4
24 k
(0.6 W)
R13
10 k
(0.6 W)
R3
24 k
(0.6 W)
R2
24 k
(0.6 W)
R1
24 k
(0.6 W)
VCC IN (12 V)
VSSD
VSSD
VSSD
VSSD
3.3 VDD
TR1
BC337
TR2
BC337
1.8 VDD
X4 1
VCC IN (5 V)
X4 2
X4 3
audio out (R)
X4 4
X4 5
audio out (L)
X4 6
X5 1
X5 2
X5 3
X5 4
X5 5
X5 6
X5 7
X5 8
X5 9
X5 10
X5 11
X5 12
X6 1
X6 2
X6 3
X6 4
X6 5
X6 6
C36
10 nF
(50 V)
VSSD
VSSD
VSSD
C37
10 nF
(50 V)
O BMD
D
F
B
B
B POLB stereo
3.5
µs
5 V
audio_R
audio_L
VSSD
B
A
C
D
E
F
G
H
J
K
L
M
O
N
P
R
S
Fig.41 Typical application diagram incorporating a voltage mechanism (continued from Fig.40).


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
logo
Sony Corporation
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com