Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 72Page - NXP Semiconductors SAA7824 Datasheet HTML 73Page - NXP Semiconductors SAA7824 Datasheet HTML 74Page - NXP Semiconductors SAA7824 Datasheet HTML 75Page - NXP Semiconductors SAA7824 Datasheet HTML 76Page - NXP Semiconductors SAA7824 Datasheet HTML 77Page - NXP Semiconductors SAA7824 Datasheet HTML 78Page - NXP Semiconductors SAA7824 Datasheet HTML 79Page - NXP Semiconductors SAA7824 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
2003 Oct 01
76
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
12 OPERATING CHARACTERISTICS (I2S-BUS TIMING)
VDDD = 1.65 to 1.95 V; VSS =0V; Tamb = 0 to 70 °C; unless otherwise specified.
Note
1. In the normal operating mode the I2S-bus timing is directly related to the overspeed factor ‘n’. In the lock-to-disc mode
‘n’ is replaced by the disc speed factor ‘d’.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I2S-bus timing (single speed
× n); see Fig.35; note 1
CLOCK OUTPUT: PIN SCLK (CL = 20 pF)
Tcy
output clock period
sample rate = fs
472.4/n
ns
sample rate = 2fs
236.2/n
ns
sample rate = 4fs
118.1/n
ns
tCH
clock HIGH time
sample rate = fs
166/n
−−
ns
sample rate = 2fs
83/n
−−
ns
sample rate = 4fs
42/n
−−
ns
tCL
clock LOW time
sample rate = fs
166/n
−−
ns
sample rate = 2fs
83/n
−−
ns
sample rate = 4fs
42/n
−−
ns
OUTPUTS: PINS WCLK, DATA AND EF (CL =20pF)
tsu
set-up time
sample rate = fs
95/n
−−
ns
sample rate = 2fs
48/n
−−
ns
sample rate = 4fs
24/n
−−
ns
th
hold time
sample rate = fs
95/n
−−
ns
sample rate = 2fs
48/n
−−
ns
sample rate = 4fs
24/n
−−
ns
DD
V
– 0.8 V
0.8 V
DD
V
– 0.8 V
0.8 V
t CH
MBG407
t CL
clock period Tcy
SCLK
WCLK
DATA
EF
t h
t su
Fig.35 I2S-bus timing diagram.


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com