Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 69Page - NXP Semiconductors SAA7824 Datasheet HTML 70Page - NXP Semiconductors SAA7824 Datasheet HTML 71Page - NXP Semiconductors SAA7824 Datasheet HTML 72Page - NXP Semiconductors SAA7824 Datasheet HTML 73Page - NXP Semiconductors SAA7824 Datasheet HTML 74Page - NXP Semiconductors SAA7824 Datasheet HTML 75Page - NXP Semiconductors SAA7824 Datasheet HTML 76Page - NXP Semiconductors SAA7824 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
2003 Oct 01
73
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Notes
1. Assumes use of external components as shown in the application diagram; see Fig.38.
2. RL =10kΩ.
3. RL =1kΩ.
4. The typical value is as follows:
5. The typical value is as follows:
6. Pull-up/down devices are protected by a pass-gate and do not behave as a normal resistor for external applications
7. Pull-up/down resistors are connected to external power supply (VDDE/GND).
8. Minimum condition for Vi = 4.5 V, maximum condition for Vi = 5.5 V.
9. Accounts for 100 mV voltage drop in both supply lines.
10. Minimum condition for VTOL = 4.5 V, maximum condition for VTOL = 5.5 V.
11. Leakage path from pad to ground.
PIN
SDA (5 V TOLERANT; 400 kHZ I2C-BUS PAD)
VIH
HIGH-level input voltage
0.7VTOL
−−
V
VIL
LOW-level input voltage
VTOL = 5 V; note 10
−−
0.3VTOL
V
Vhys
hysteresis voltage
0.05VTOL
−−
V
VOL
LOW-level output voltage
IOL =3mA
−−
0.4
V
tf
output fall time from VIH to
VIL
bus capacitance, Cb,
from 10 pF to 400 pF)
20 + 0.1Cb
250
ns
Iikg
steady-state current input
signal
Vi =VDDD; note 11
24
µA
Vi = 5 V; note 11
10
22
µA
Crystal oscillator
INPUT: PIN OSCIN (EXTERNAL CLOCK)
VIH
HIGH-level input voltage
−−
0.2VDDD
V
VIL
LOW-level input voltage
0.8VDDD
−−
V
OUTPUT: PIN OSCOUT; see Fig.4
VOL
LOW-level output voltage
−−
0.4
V
VOH
HIGH-level output voltage
0.85VDDD
−−
V
fxtal
crystal frequency
±100 ppm
8.4672
MHz
gm
mutual conductance at
start-up
19.1
23.0
mA/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
1.65
3.3
×
V
DDA
--------------------------
2.5
3.3
×
V
DDA
----------------------


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com