Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 68Page - NXP Semiconductors SAA7824 Datasheet HTML 69Page - NXP Semiconductors SAA7824 Datasheet HTML 70Page - NXP Semiconductors SAA7824 Datasheet HTML 71Page - NXP Semiconductors SAA7824 Datasheet HTML 72Page - NXP Semiconductors SAA7824 Datasheet HTML 73Page - NXP Semiconductors SAA7824 Datasheet HTML 74Page - NXP Semiconductors SAA7824 Datasheet HTML 75Page - NXP Semiconductors SAA7824 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
2003 Oct 01
72
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Digital inputs and outputs
PIN
V3 (5 V TOLERANT; TTL INPUT;3-STATE OUTPUT)
VIH
HIGH-level input voltage
2.0
−−
V
VIL
LOW-level input voltage
−−
0.8
V
IIL
LOW-level input current
Vi = 0; no pull-up
−−
1
µA
IIH
HIGH-level input current
Vi =VDDD; no pull-down
−−
1
µA
VOL
LOW-level output voltage
IOL =4mA
−−
0.4
V
VOH
HIGH-level output voltage
IOH = −4mA
VDDD − 0.4
−−
V
IOL
LOW-level output current
VOL = 0.4 V; note 9
4
−−
mA
IOH
HIGH-level output current
VOL =VDDD − 0.4 V;
note 9
−4
−−
mA
ttran(L-H)
LOW-to-HIGH transition
time
CL = 30 pF
2.6
6.3
ns
IOZ
3-state leakage current
Vi =0
−−
1
µA
PINS
LKILL, RKILL AND CFLAG (5 V TOLERANT; TTL INPUT WITH PULL-UP;3-STATE OPEN-DRAIN OUTPUT;10 ns SLEW RATE
LIMITED
)
VIH
HIGH-level input voltage
2.0
−−
V
VIL
LOW-level input voltage
−−
0.8
V
IPU
pull-up current
Vi = 0 to VDDD;
notes 6 and 7
−13
−−36
µA
VOL
LOW-level output voltage
IOL =4mA
−−
0.4
V
VOH
HIGH-level output voltage
IOH = −4mA
VDDD − 0.4
−−
V
IOL
LOW-level output current
VOL = 0.4 V; note 9
4
−−
mA
IOH
HIGH-level output current
VOL =VDDD − 0.4 V;
note 9
−4
−−
mA
ttran(L-H)
LOW-to-HIGH transition
time
CL = 30 pF
8.6
10
13.8
ns
IOZ
3-state leakage current
Vi =0
−−
1
µA
PINS
CDTRDY, CDTDATA, EF AND SUB (5 V TOLERANT; TTL INPUT;3-STATE OUTPUT;10ns SLEW RATE LIMITED)
VIH
HIGH-level input voltage
2.0
−−
V
VIL
LOW-level input voltage
−−
0.8
V
IIL
LOW-level input current
Vi =0
−−
1
µA
IIH
HIGH-level input current
Vi =VDDD
−−
1
µA
VOL
LOW-level output voltage
IOL =4mA
−−
0.4
V
VOH
HIGH-level output voltage
IOH = −4mA
VDDD − 0.4
−−
V
IOL
LOW-level output current
VOL = 0.4 V; note 9
4
−−
mA
IOH
HIGH-level output current
VOL =VDDD − 0.4 V;
note 9
−4
−−
mA
ttran(L-H)
LOW-to-HIGH transition
time
CL = 30 pF
8.6
10
13.8
ns
IOZ
3-state leakage current
Vi =0
−−
1
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com