Electronic Components Datasheet Search |
|
SAA7824 Datasheet(PDF) 70 Page - NXP Semiconductors |
|
SAA7824 Datasheet(HTML) 70 Page - NXP Semiconductors |
70 / 89 page 2003 Oct 01 70 Philips Semiconductors Product specification CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control SAA7824 BLF low frequency bandwidth (D1 to D4, R1 and R2) at 0 dB 20 −− kHz (THD + N)/SLF low frequency total harmonic distortion plus noise-to-signal ratio at 0 dB −−50 −40 dB S/NLF low frequency signal-to-noise ratio 55 −− dB Gtol(LF) low frequency gain tolerance −20 − +20 % ∆G v(LF) low frequency variation of gain between channels −3 − +3 % αcs(LF) low frequency channel separation − 60 − dB Laser drive circuit (VDDA = 3.3 V; VSSA =0V; Tamb =25 °C; RIREF =30kΩ) Io(LASER) output current VLASER =1V − (VDDA − 0.6 V) 10 50 120 mA SNR signal-to-noise ratio Io = 50 mA; B = 20 MHz − 40 − dB ILFPOWER(max) maximum laser supply current Io = 120 mA −− 140 mA VMONITOR1 monitor diode voltage 1 maximum power; sel180 = 0 140 150 160 mV VMONITOR2 monitor diode voltage 2 maximum power; sel180 = 1 170 180 190 mV Ri input resistance 10 −− M Ω Vsense sense voltage −100 − +100 mV Pstep laser output power range 43 − 100 % Ipd power-down supply current −− 10 µA ILASER(off) laser off current −− 30 mA Digital inputs PIN RESET (5 V TOLERANT; TTL INPUTS WITH PULL-UP RESISTOR AND HYSTERESIS) VIH HIGH-level input voltage 2.0 −− V VIL LOW-level input voltage −− 0.8 V Vhys hysteresis voltage 0.3 −− V IPU pull-up current Vi = 0 to VDDD; notes 6 and 7 −31 −−68 µA tW(L) pulse width (active LOW) RESET only 1 −−µs PINS V1 AND V2 (CMOS INPUTS) VIH HIGH-level input voltage 2.0 −− V VIL LOW-level input voltage −− 0.8 V SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT |
Similar Part No. - SAA7824 |
|
Similar Description - SAA7824 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |