Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 65Page - NXP Semiconductors SAA7824 Datasheet HTML 66Page - NXP Semiconductors SAA7824 Datasheet HTML 67Page - NXP Semiconductors SAA7824 Datasheet HTML 68Page - NXP Semiconductors SAA7824 Datasheet HTML 69Page - NXP Semiconductors SAA7824 Datasheet HTML 70Page - NXP Semiconductors SAA7824 Datasheet HTML 71Page - NXP Semiconductors SAA7824 Datasheet HTML 72Page - NXP Semiconductors SAA7824 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
2003 Oct 01
69
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
10 CHARACTERISTICS
VDDD = 1.65 to 1.95 V; VDDA = 3.0 to 3.6 V; VSS =0V; Tamb = 0 to 70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDD
digital supply voltage
1.65
1.8
1.95
V
IDDD
digital supply current
n = 1 mode
4.0
mA
n = 2 mode
5.0
mA
n = 4 mode
6.0
mA
VDDA
analog supply voltage
3.0
3.3
3.6
V
IDDA
analog supply current
n = 1 mode
34
mA
n = 2 mode
34
mA
n = 4 mode
34
mA
DEM DAC output (Vpos = 3.3 V, VSS =0V, Vneg = 0 V and Tamb =25 °C)
DIFFERENTIAL OUTPUTS: PINS DACLN, DACLP, DACRN AND DACRP
S/N
signal-to-noise ratio
note 1
90
dB
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
note 2
−−
−80
dB
Headphone buffer (Vpos = 3.3 V, VSS =0V, Vneg = 0 V and Tamb =25 °C)
OUTPUTS: PINS BUFOUTR AND BUFOUTL
S/N
signal-to-noise ratio
85
dB
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
note 3
−−
−80
dB
INPUTS: PINS BUFINR AND BUFINL
Zi
input impedance
47
k
Servo and decoder analog functions (VDDA = 3.3 V, VSSA = 0 V and Tamb =25 °C)
REFERENCE GENERATOR: PIN IREF
VIREF
reference voltage level
1.16
1.26
1.36
V
IREF
input reference current
50
−µA
RIREF(ext)
external resistance
24
k
DIODE VOLTAGE INPUT: PINS D1 TO D4, R1 AND R2
Vi(D)(max)
maximum input voltage for
central diode input signal
voltage mode
0
960
mV
Vi(R)(max)
maximum input voltage for
satellite diode input signal
voltage mode
0
960
mV
Vref(int)
internally generated
reference voltage
Vref_sel =10
note 4
V
Vref_sel =11
note 5
V
BHF
high frequency bandwidth
(D1 to D4)
at 0 dB
5
−−
MHz
Gtol(HF)
high frequency gain
tolerance
−20
+20
%


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
logo
Sony Corporation
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com