Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 62Page - NXP Semiconductors SAA7824 Datasheet HTML 63Page - NXP Semiconductors SAA7824 Datasheet HTML 64Page - NXP Semiconductors SAA7824 Datasheet HTML 65Page - NXP Semiconductors SAA7824 Datasheet HTML 66Page - NXP Semiconductors SAA7824 Datasheet HTML 67Page - NXP Semiconductors SAA7824 Datasheet HTML 68Page - NXP Semiconductors SAA7824 Datasheet HTML 69Page - NXP Semiconductors SAA7824 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
2003 Oct 01
66
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Table 55 defect_parm parameter: defect detector control
Table 56 interrupt_mask parameter: mask to enable
interrupt in interrupt status register; RAM
address 53H
Table 57 time_parameter: timer interrupt values
Note
1. The time_parameter values are also used for
focus_start_time, motor_start_time1,
motor_start_time2, radial_init_time and brake_time.
Table 58 phase_shift parameter: focus/radial AGC
detection phase shift; RAM address 67H
Note
1. The value a is the value programmed in Table 60 as
the 6 LSBs of osc_inc.
defect_parm
Fast filter bandwidth
xxxx xx00
3500 Hz
xxxx xx01
7000 Hz
xxxx xx10
14000 Hz
xxxx xx11
reserved for future use
defect_parm
Slow filter time
constant
Alpha value
xxxx 10xx
16 ms
0.00006
xxxx 11xx
8 ms
0.00012
xxxx 00xx
4 ms
0.00024
xxxx 01xx
2 ms
0.00048
defect_parm
Coefficient
β value
xx00 xxxx
0.25
xx01 xxxx
0.125
xx10 xxxx
0.0625
xx11 xxxx
reserved for future use
defect_parm
Defect detector maximum ON time
00xx xxxx
1.0 ms
01xx xxxx
1.5 ms
10xx xxxx
2.0 ms
11xx xxxx
2.5 ms
interrupt_mask
Interrupt enabled
0000 0000
no interrupt
xxxx xxx1
focus lost
xxxx xx1x
subcode ready
xxxx x1xx
subcode absolute seconds
changed
xxxx 1xxx
subcode discontinuity
xxx1 xxxx
radial error
xx1x xxxx
autosequencer state
changes
x1xx xxxx
autosequencer error
time_parameter value
(decimal)(1)
Timer interrupt values
wait time (ms)
129
≤ i ≤ 143
4.26
× (i − 128)
144
≤ i ≤ 159
68.2 + 4.57
× (i − 144)
160
≤ i ≤ 175
141.4 + 4.92
× (i − 160)
176
≤ i ≤ 191
224.1 + 5.33
× (i − 176
192
≤ i ≤ 207
305.4 + 5.82
× (i − 192
208
≤ i ≤ 223
398.5 + 6.40
× (i − 208)
224
≤ i ≤ 239
500.8 + 7.11
× (i − 224
2402
≤ i ≤ 55
614.6 + 8.00
× (i − 240)
0
≤ i ≤ 15
742.6 + 9.11
× i
16
≤ i ≤ 31
888.9 + 10.6
× (i − 16)
32
≤ i ≤ 47
1059 + 12.8
× (i − 32)
48
≤ i ≤ 63
1263 + 16.0
× (i − 48)
64
≤ i ≤ 79
1519 + 21.2
× (i − 64)
80
≤ i ≤ 95
1860 + 32.0
× (i − 80)
96
≤ i ≤ 111
2372 + 64.0
× (i − 96)
111
3398.0
112...127
infinite
phase_shift
(decimal)
Focus/radial AGC detection phase
shift
(
µs)
(deg)
00
0
1
× a(1)
60.47
180
× (a/128)
2
× a
120.94
180
× (2 × a/128)
i
× ai × 60.47
180
× (i × a/128)
128
180
−1 × a
−60.47
−180 × (a/128)
−2 × a
−120.94
−180 × (2 × a/128)
−i × a
−i × 60.47
−180 × (i × a/128)
128
180


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com