Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 2Page - NXP Semiconductors SAA7824 Datasheet HTML 3Page - NXP Semiconductors SAA7824 Datasheet HTML 4Page - NXP Semiconductors SAA7824 Datasheet HTML 5Page - NXP Semiconductors SAA7824 Datasheet HTML 6Page - NXP Semiconductors SAA7824 Datasheet HTML 7Page - NXP Semiconductors SAA7824 Datasheet HTML 8Page - NXP Semiconductors SAA7824 Datasheet HTML 9Page - NXP Semiconductors SAA7824 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
2003 Oct 01
6
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
6
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
LFPOWER
1
I
laser power supply
EXFILTER
2
O
10 nF capacitor for laser start-up control
MONITOR
3
I
laser monitor diode
SENSE
4
I
OPU ground reference point for MONITOR measurement
VSSA1
5
SUP
analog ground 1
IREF
6
O
reference current output (24 k
Ω resistor connected to analog ground)
VDDA1
7
SUP
analog supply voltage 1
VREFO
8
I/O
servo reference voltage
D1
9
I
diode voltage/current input (central diode signal input)
D2
10
I
diode voltage/current input (central diode signal input)
D3
11
I
diode voltage/current input (central diode signal input)
D4
12
I
diode voltage/current input (central diode signal input)
R1
13
I
diode voltage/current input (satellite diode signal input)
R2
14
I
diode voltage/current input (satellite diode signal input)
CSLICE
15
I/O
10 nF capacitor for adaptive HF data slicer
VDDA2
16
SUP
analog supply voltage 2
VSSA2
17
SUP
analog ground 2
OSCOUT
18
O
crystal/resonator output
OSCIN
19
I
crystal/resonator input
VSSA3
20
SUP
analog ground 3
DACGND
21
I
audio DAC ground
DACRP
22
O
audio DAC right channel differential positive output
DACRN
23
O
audio DAC right channel differential negative output
DACVref
24
I/O
audio DAC decoupling point (10
µF or 100 nF to ground
DACLN
25
O
audio DAC left channel differential negative output
DACLP
26
O
audio DAC left channel differential positive output
DACVpos
27
I
audio DAC positive supply voltage
BUFVpos
28
I
audio buffer positive supply voltage
BUFINR
29
I
audio buffer right input
BUFOUTR
30
O
audio buffer right output
BUFOUTL
31
O
audio buffer left output
BUFINL
32
I
audio buffer left input
BUFGND
33
I
audio buffer ground
LKILL
34
O
KILL output for left channel (configurable as open-drain)
RKILL
35
O
KILL output for right channel (configurable as open-drain)
CDTRDY
36
O
CD text output to microcontroller ready flag
CDTDATA
37
O
CD text output data to microcontroller
CDTCLK
38
I
CD text microcontroller clock input
CFLAG
39
O
correction flag output (open-drain)
VSSD1
40
SUP
digital ground 1


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com