Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 52Page - NXP Semiconductors SAA7824 Datasheet HTML 53Page - NXP Semiconductors SAA7824 Datasheet HTML 54Page - NXP Semiconductors SAA7824 Datasheet HTML 55Page - NXP Semiconductors SAA7824 Datasheet HTML 56Page - NXP Semiconductors SAA7824 Datasheet HTML 57Page - NXP Semiconductors SAA7824 Datasheet HTML 58Page - NXP Semiconductors SAA7824 Datasheet HTML 59Page - NXP Semiconductors SAA7824 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
2003 Oct 01
56
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7.17.7
SUMMARY OF SERVO COMMAND PARAMETERS
Table 27 Servo command parameters
PARAMETER
RAM
ADDRESS
AFFECTS
POR VALUE
DETERMINES
foc_parm_1
focus PID
end of focus lead
defect detector enabling
foc_parm_2
focus PID
focus low-pass
focus error normalizing
foc_parm_3
focus PID
focus lead length
minimum light level
foc_int
14H
focus PID
focus integrator crossover frequency
foc_gain
15H
focus PID
70H
focus PID loop gain
CA_drop
12H
focus PID
sensitivity of dropout detector
ramp_offset
16H
focus ramp
asymmetry of focus ramp
ramp_height
18H
focus ramp
peak-to-peak value of ramp voltage
ramp_incr
focus ramp
slope of ramp voltage
FE_start
19H
focus ramp
minimum value of focus error
rad_parm_play
28H
radial PID
end of radial lead
rad_pole_noise
29H
radial PID
radial low-pass
rad_length_lead
1CH
radial PID
length of radial lead
rad_int
1EH
radial PID
radial integrator crossover frequency
rad_gain
2AH
radial PID
70H
radial loop gain
rad_parm_jump
27H
radial jump
filter during jump
vel_parm1
1FH
radial jump
PI controller crossover frequencies
vel_parm2
32H
radial jump
jump pre-defined profile
speed_threshold
48H
radial jump
maximum speed in fastrad mode
hold_mult
49H
radial jump
00H
electronic damping
sledge bandwidth during jump
brake_dist_max
21H
radial jump
maximum sledge distance allowed in
fast actuator steered mode
sledge_long_brake
58H
radial jump
FFH
brake distance of sledge
sledge_Umax
sledge
voltage on sledge during long jump
sledge_level
sledge
voltage on sledge when steered
sledge_parm_1
36H
sledge
sledge integrator crossover frequency
sledge_parm_2
17H
sledge
sledge low-pass frequencies
sledge gain
sledge operation mode
sledge_pulse1
46H
pulsed sledge
pulse width
sledge_pulse2
64H
pulsed sledge
pulse height
defect_parm
defect detector
defect detector setting
playwatchtime
54H
Watchdog
radial on-track Watchdog time
jumpwatchtime
57H
Watchdog
radial jump Watchdog time-out


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com