Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 51Page - NXP Semiconductors SAA7824 Datasheet HTML 52Page - NXP Semiconductors SAA7824 Datasheet HTML 53Page - NXP Semiconductors SAA7824 Datasheet HTML 54Page - NXP Semiconductors SAA7824 Datasheet HTML 55Page - NXP Semiconductors SAA7824 Datasheet HTML 56Page - NXP Semiconductors SAA7824 Datasheet HTML 57Page - NXP Semiconductors SAA7824 Datasheet HTML 58Page - NXP Semiconductors SAA7824 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
2003 Oct 01
55
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7.17.6
SUMMARY OF SERVO COMMANDS
A list of the servo commands is given in Table 26. These are fully compatible with the SAA732X.
Table 26 Servo commands
Notes
1. These commands are only available when the decoder interface is enabled.
2. <peak_I> and <peak_r> bytes are clocked out LSB first.
3. Decoder status flag information in, <dec_stat> is only valid when the internal decoder interface is enabled.
COMMANDS
CODE
BYTES
PARAMETERS
Write commands
Write_focus_coefs1
17H
7
<foc_parm3> <foc_int> <ramp_incr> <ramp_height>
<ramp_offset> <FE_start> <foc_gain>
Write_focus_coefs2
27H
7
<defect_parm> <rad_parm_jump> <vel_parm2>
<vel_parm1> <foc_parm1> <foc_parm2> <CA_drop>
Write_focus_command
33H
3
<foc_mask> <foc_stat> <FFH>
Focus_gain_up
42H
2
<foc_gain> <foc_parm1>
Focus_gain_down
62H
2
<foc_gain> <foc_parm1>
Write_radial coefs
57H
7
<rad_length_lead> <rad_int> <rad_parm_play>
<rad_pole_noise> <rad_gain> <sledge_parm2>
<sledge_parm_1>
Preset_Latch
81H
1
<chip_init>
Radial_off
C1H
1
‘1CH’
Radial_init
C1H
1
‘3CH’
Short_jump
C3H
3
<tracks_hi> <tracks_lo> <rad_stat>
Long_jump
C5H
5
<brake_dist> <sledge_U_max> <tracks_hi>
<tracks_lo> <rad_stat>
Steer_sledge
B1H
1
<sledge_level>
Preset_init
93H
3
<re_offset> <re_gain> <sum_gain>
Write_decoder_reg(1)
D1H
1
<decoder_reg_data>
Write_parameter
A2H
2
<param_ram_addr> <param_data>
Read commands
Read_Q_subcode(1)(2)
0H
up to 12
<Q_sub1 to 10> <peak_l> <peak_r>
Read_status
70H
up to 5
<foc_stat> <rad_stat> <rad_int_lpf> <tracks_hi>
<tracks_lo>
Read_hilevel_status(3)
E0H
up to 4
<intreq> <dec_stat> <seq_stat> <motor_start_time>
Read_aux_status
F0H
up to 3
<re_offset> <re_gain> <sum_gain>


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
logo
Sony Corporation
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com