Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 49Page - NXP Semiconductors SAA7824 Datasheet HTML 50Page - NXP Semiconductors SAA7824 Datasheet HTML 51Page - NXP Semiconductors SAA7824 Datasheet HTML 52Page - NXP Semiconductors SAA7824 Datasheet HTML 53Page - NXP Semiconductors SAA7824 Datasheet HTML 54Page - NXP Semiconductors SAA7824 Datasheet HTML 55Page - NXP Semiconductors SAA7824 Datasheet HTML 56Page - NXP Semiconductors SAA7824 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
2003 Oct 01
53
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Table 22 Multiple write register element description
SHADOW
REGISTER
ELEMENT NAME
BIT NUMBERS
DESCRIPTION
7
(bank 3)
<d1_off>
<5:0>
DC offset level for D1 (reset value = 000000)
<d2_off>
<11:6>
DC offset level for D2 (reset value = 000000)
<d3_off>
<17:12>
DC offset level for D3 (reset value = 000000)
<d4_off>
<23:18>
DC offset level for D4 (reset value = 000000)
<r1_off>
<29:24>
DC offset level for R1 (reset value = 000000)
<r2_off>
<35:30>
DC offset level for R2 (reset value = 000000)
A
(bank 3)
<hf_gain>
<3:0>
see Table 23
<slicer_slew>
<7:4>
see Table 24
<eq_speed_sel>
<9:8>
equaliser operating speed: 00 = 1
× (reset); 01 = 2×; 10 = 4×
<hp_filter_sel>
<15:10>
see Table 25
Table 23 HF gain
Table 24 Slicer threshold tracking slew rate (ISlice code
to current conversion)
DATA
DESCRIPTION
0000
voltage mode = 1.11 V
0001
voltage mode = 952 mV
0010
voltage mode = 588 mV
0011
voltage mode = 392 mV
0100
voltage mode = 1.11 V
0101
voltage mode = 952 mV
0110
voltage mode = 588 mV
0111
voltage mode = 392 mV
1000
voltage mode = 303 mV
1001
voltage mode = 200 mV
1010
voltage mode = 157 mV
1011
voltage mode = 107 mV
1100
voltage mode = 79 mV
1101
voltage mode = 54 mV
1110
voltage mode = 39 mV
1111
voltage mode = 27 mV
DATA
CURRENT (
µA)
0000
10 (reset)
0001
10
0010
20
0011
30
0100
50
0101
60
0110
70
0111
80
1000
100
1001
110
1010
120
1011
130
1100
150
1101
160
1110
170
1111
180


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com