Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 45Page - NXP Semiconductors SAA7824 Datasheet HTML 46Page - NXP Semiconductors SAA7824 Datasheet HTML 47Page - NXP Semiconductors SAA7824 Datasheet HTML 48Page - NXP Semiconductors SAA7824 Datasheet HTML 49Page - NXP Semiconductors SAA7824 Datasheet HTML 50Page - NXP Semiconductors SAA7824 Datasheet HTML 51Page - NXP Semiconductors SAA7824 Datasheet HTML 52Page - NXP Semiconductors SAA7824 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
2003 Oct 01
49
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
01
(bank 1)
A
signal
magnitude
control for
diodes D1
to D4
(LF only)
1010
0000
voltage mode: 20 mV
0001
voltage mode: 25 mV
0010
voltage mode: 30 mV
0011
voltage mode: 40 mV
0100
voltage mode: 60 mV
0101
voltage mode: 75 mV
0110
voltage mode: 100 mV
0111
voltage mode: 120 mV
1000
voltage mode: 150 mV
1001
voltage mode: 200 mV
1010
voltage mode: 270 mV
1011
voltage mode: 350 mV
1100
voltage mode: 450 mV
1101
voltage mode: 600 mV
1110
voltage mode: 720 mV
1111
voltage mode: 960 mV
reset
01
(bank 1)
C
signal
magnitude
control for
diodes
R1 and R2
(LF only)
1100
0000
voltage mode: 20 mV
0001
voltage mode: 25 mV
0010
voltage mode: 30 mV
0011
voltage mode: 40 mV
0100
voltage mode: 60 mV
0101
voltage mode: 75 mV
0110
voltage mode: 100 mV
0111
voltage mode: 120 mV
1000
voltage mode: 150 mV
1001
voltage mode: 200 mV
1010
voltage mode: 270 mV
1011
voltage mode: 350 mV
1100
voltage mode: 450 mV
1101
voltage mode: 600 mV
1110
voltage mode: 720 mV
1111
voltage mode: 960 mV
reset
SHADEN
BITS
SHADOW
REGISTER
ADDRESS
DATA
FUNCTION
INITIAL


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com