Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 44Page - NXP Semiconductors SAA7824 Datasheet HTML 45Page - NXP Semiconductors SAA7824 Datasheet HTML 46Page - NXP Semiconductors SAA7824 Datasheet HTML 47Page - NXP Semiconductors SAA7824 Datasheet HTML 48Page - NXP Semiconductors SAA7824 Datasheet HTML 49Page - NXP Semiconductors SAA7824 Datasheet HTML 50Page - NXP Semiconductors SAA7824 Datasheet HTML 51Page - NXP Semiconductors SAA7824 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
2003 Oct 01
48
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Table 17 Loop filter bandwidth
Note
1. The initial column shows the Power-on reset state.
7.17.5
SUMMARY OF FUNCTIONS CONTROLLED BY SHADOW REGISTERS
Table 18 Bank 1 shadow register settings (single write)
REGISTER
ADDRESS
DATA
FUNCTION
INITIAL(1)
LOOP
BANDWIDTH
(Hz)
INTERNAL
BANDWIDTH
(Hz)
LOW-PASS
BANDWIDTH
(Hz)
8
(PLL loop
filter
bandwidth)
1000
0000
1640
× n
525
× n
8400
× n
0001
3279
× n
263
× n
16800
× n
0010
6560
× n
131
× n
33600
× n
0100
1640
× n
1050
× n
8400
× n
0101
3279
× n
525
× n
16800
× n
0110
6560
× n
263
× n
33600
× n
1000
1640
× n
2101
× n
8400
× n
1001
3279
× n
1050
× n
16800
× n
reset
1010
6560
× n
525
× n
33600
× n
1100
1640
× n
4200
× n
8400
× n
1101
3279
× n
2101
× n
16800
× n
1110
6560
× n
1050
× n
33600
× n
SHADEN
BITS
SHADOW
REGISTER
ADDRESS
DATA
FUNCTION
INITIAL
01
(bank 1)
3
control of
versatile and
clock pins
0011
XX00
select CLK4 on CLK4/12 output
reset
XX01
select CLK12 on CLK4/12 output
X0XX
enable CLK16 output pin
reset
X1XX
set CLK16 output pin to
high-impedance
0XXX
set V3 output pin to high-impedance
reset
1XXX
enable V3 output pin
7
control of
onboard
DAC
0111
0000
use external DAC or route audio data
back into onboard DAC
(loopback mode)
reset
0010
route audio data directly into onboard
DAC (non-loopback mode)
7
EBU mute
bypass
control (for
M1 version
only)
XXX0
EBU mute function not bypassed
reset
XXX1
EBU mute function bypassed


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com