Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 42Page - NXP Semiconductors SAA7824 Datasheet HTML 43Page - NXP Semiconductors SAA7824 Datasheet HTML 44Page - NXP Semiconductors SAA7824 Datasheet HTML 45Page - NXP Semiconductors SAA7824 Datasheet HTML 46Page - NXP Semiconductors SAA7824 Datasheet HTML 47Page - NXP Semiconductors SAA7824 Datasheet HTML 48Page - NXP Semiconductors SAA7824 Datasheet HTML 49Page - NXP Semiconductors SAA7824 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
2003 Oct 01
46
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
7
(DAC output
and STATUS pin
control)
0111
XX00
interrupt signal from servo only at STATUS
pin
reset
XX10
status bit from decoder status register or DC
offset information at STATUS pin [see also
new shadow register C (bank 3)]
X0XX
DAC data normal value
reset
X1XX
DAC data inverted value
0XXX
left channel first at DAC (WCLK normal)
reset
1XXX
right channel first at DAC (WCLK inverted)
8
(PLL loop filter
bandwidth)
see Table 16
9
(PLL
equalization)
1001
0011
PLL loop filter equalization
reset
0001
PLL 30 ns over-equalization
0010
PLL 15 ns over-equalization
0100
PLL 15 ns under-equalization
0101
PLL 30 ns under-equalization
A
(EBU output)
1010
XX0X
EBU data before concealment
XX1X
EBU data after concealment and fade
reset
X0X0
Level II clock accuracy (<1000 ppm)
reset
X0X1
Level I clock accuracy (<50 ppm)
X1X0
Level III clock accuracy (>1000 ppm)
X1X1
EBU off - output LOW
0XXX
flags in EBU off
reset
1XXX
flags in EBU on
B
(speed control)
1011
X000
standby 1: ‘CD-STOP’ mode
reset
X010
standby 2: ‘CD-PAUSE’ mode
X011
operating mode
00XX
single-speed mode
reset
10XX
double-speed mode
C
(versatile pins
interface and
KILL function)
1100
XXX1
external off-track signal input at V1
XXX0
internal off-track signal used (V1 may be
read via status)
reset
XX0X
stereo KILL
XX1X
mono KILL
reset
00XX
V3 = 0
reset
01XX
V3 = 1
EBU mute
mode (for M1
version only)
0XXX
mute type = soft mute audio; only available
at 1
× speed
reset
1XXX
mute type = ROM hard mute; available at 1
×,
2
× and 4× speed
REGISTER
ADDRESS
DATA
FUNCTION
INITIAL(1)


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com