Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 41Page - NXP Semiconductors SAA7824 Datasheet HTML 42Page - NXP Semiconductors SAA7824 Datasheet HTML 43Page - NXP Semiconductors SAA7824 Datasheet HTML 44Page - NXP Semiconductors SAA7824 Datasheet HTML 45Page - NXP Semiconductors SAA7824 Datasheet HTML 46Page - NXP Semiconductors SAA7824 Datasheet HTML 47Page - NXP Semiconductors SAA7824 Datasheet HTML 48Page - NXP Semiconductors SAA7824 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
2003 Oct 01
45
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
3
(DAC output)
0011
1010
I2S-bus; CD-ROM mode
1011
EIAJ; CD-ROM mode
1100
I2S-bus; 18-bit; 4fs mode
reset
1111
I2S-bus; 18-bit; 2fs mode
1110
I2S-bus; 16-bit; fs mode
0000
EIAJ; 16-bit; 4fs
0011
EIAJ; 16-bit; 2fs
0010
EIAJ; 16-bit; fs
0100
EIAJ; 18-bit; 4fs
0111
EIAJ; 18-bit; 2fs
0110
EIAJ; 18-bit; fs
4
(Motor gain)
0100
0000
motor gain G = 3.2
reset
0001
motor gain G = 4.0
0010
motor gain G = 6.4
0011
motor gain G = 8.0
0100
motor gain G = 12.8
0101
motor gain G = 16.0
0110
motor gain G = 25.6
0111
motor gain G = 32.0
5
(Motor
bandwidth)
0101
XX00
motor f4 = 0.5 × n Hz
reset
XX01
motor f4 = 0.7 × nHz
XX10
motor f4 = 1.4 × nHz
XX11
motor f4 = 2.8 × nHz
00XX
motor f3 = 0.85 × n Hz
reset
01XX
motor f3 = 1.71 × nHz
10XX
motor f3 = 3.42 × nHz
6
(Motor output
configuration)
0110
XX00
motor power maximum 37%
reset
XX01
motor power maximum 50%
XX10
motor power maximum 75%
XX11
motor power maximum 100%
00XX
MOTO1, MOTO2 pins 3-state
reset
01XX
motor PWM mode
10XX
motor PDM mode
11XX
motor CDV mode
REGISTER
ADDRESS
DATA
FUNCTION
INITIAL(1)


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
logo
Sony Corporation
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com