Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7824 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SAA7824
Description  CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7824 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SAA7824 Datasheet HTML 40Page - NXP Semiconductors SAA7824 Datasheet HTML 41Page - NXP Semiconductors SAA7824 Datasheet HTML 42Page - NXP Semiconductors SAA7824 Datasheet HTML 43Page - NXP Semiconductors SAA7824 Datasheet HTML 44Page - NXP Semiconductors SAA7824 Datasheet HTML 45Page - NXP Semiconductors SAA7824 Datasheet HTML 46Page - NXP Semiconductors SAA7824 Datasheet HTML 47Page - NXP Semiconductors SAA7824 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
2003 Oct 01
44
Philips Semiconductors
Product specification
CD audio decoder, digital servo and filterless
DAC with integrated pre-amp and laser control
SAA7824
Table 15 Shadow register accessibility
7.17.4
SUMMARY OF FUNCTIONS CONTROLLED BY DECODER REGISTERS 0 TO F
Table 16 Registers 0 to F
SHADEN2
SHADEN1
FUNCTION
INITIAL
0
0
access decoder registers 0 to F
reset
0
1
access SAA732X shadow registers (bank 1)
1
0
access new shadow registers (bank 2)
1
1
access new shadow registers (bank 3)
REGISTER
ADDRESS
DATA
FUNCTION
INITIAL(1)
0
(Fade and
attenuation)
0000
X000
mute
reset
X010
attenuate
X001
full-scale
X100
step-down
X101
step-up
0
EBU mute (for
M1 version
only)
0XXX
EBU mute inactive
reset
1XXX
EBU mute active
1
(Motor mode)
0001
X000
motor off mode
reset
X001
motor stop mode 1
X010
motor stop mode 2
X011
motor start mode 1
X100
motor start mode 2
X101
motor jump mode
X111
motor play mode
X110
motor jump mode 1
1XXX
anti-windup active
0XXX
anti-windup off
reset
2
(Status control)
0010
0000
status = SUBQREADY-I
reset
0001
status = MOTSTART1
0010
status = MOTSTART2
0011
status = MOTSTOP
0100
status = PLL lock
0101
status = V1
0110
status = V2
0111
status = MOTOR-OV
unavailable via
the I2C-bus or
3-wire mode
1000
status = FIFO overflow
1001
status = shock detect
1010
status = latched shock detect
1011
status = latched shock detect reset


Similar Part No. - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7826HL PHILIPS-SAA7826HL Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
More results

Similar Description - SAA7824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7826 PHILIPS-SAA7826 Datasheet
379Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control
2003 Oct 01
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com