Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F862BC104M310Z Datasheet(PDF) 13 Page - Kemet Corporation

Part # F862BC104M310Z
Description  F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F862BC104M310Z Datasheet(HTML) 13 Page - Kemet Corporation

Back Button F862BC104M310Z Datasheet HTML 6Page - Kemet Corporation F862BC104M310Z Datasheet HTML 7Page - Kemet Corporation F862BC104M310Z Datasheet HTML 8Page - Kemet Corporation F862BC104M310Z Datasheet HTML 9Page - Kemet Corporation F862BC104M310Z Datasheet HTML 10Page - Kemet Corporation F862BC104M310Z Datasheet HTML 11Page - Kemet Corporation F862BC104M310Z Datasheet HTML 12Page - Kemet Corporation F862BC104M310Z Datasheet HTML 13Page - Kemet Corporation F862BC104M310Z Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3092_F862_X2_310 • 9/23/2016 13
Film Capacitors – AC Line EMI Suppression and RC Networks
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
H
T
W
Lead Taping & Packaging (IEC 60286–2) cont'd
Ammo Specifications
Series
Dimensions (mm)
H
W
T
R4x,R4x+R,R7x,RSB
360
340
59
F5A, F5B, F5D
F6xx, F8xx
PHExxx, PMExxx, PMRxxx
330
330
50
Reel Specifications
Series
Dimensions (mm)
D
H
W
R4x,R4x+R,R7x,RSB
355
500
30
25
55 (Max)
F5A, F5B, F5D
F6xx, F8xx
PHExxx, PMExxx, PMRxxx
360
500
30
46 (Max)
Manufacturing Date Code (IEC–60062)
Y = Year, Z = Month
Year
Code
Month
Code
2000
M
January
1
2001
N
February
2
2002
P
March
3
2003
R
April
4
2004
S
May
5
2005
T
June
6
2006
U
July
7
2007
V
August
8
2008
W
September
9
2009
X
October
O
2010
A
November
N
2011
B
December
D
2012
C
2013
D
2014
E
2015
F
2016
H
2017
J
2018
K
2019
L
2020
M
D
W
H


Similar Part No. - F862BC104M310Z

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
   F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
More results

Similar Description - F862BC104M310Z

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
   F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
F862BS394K310ALR0L KEMET-F862BS394K310ALR0L Datasheet
64Kb / 1P
   F862, Film, Metallized Polypropylene, Automotive Safety, 0.39 uF, 10%, 310 VAC (X2), 630 VDC, 110C, Lead Spacing = 15mm
F862DU125K310Z KEMET-F862DU125K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 1.2 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 22.5mm
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F862BK154K310Z KEMET-F862BK154K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.15 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
F862BY474K310Z KEMET-F862BY474K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.47 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
F862DO474K310Z KEMET-F862DO474K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.47 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 22.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com