Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F862BC104M310Z Datasheet(PDF) 11 Page - Kemet Corporation

Part # F862BC104M310Z
Description  F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F862BC104M310Z Datasheet(HTML) 11 Page - Kemet Corporation

Back Button F862BC104M310Z Datasheet HTML 6Page - Kemet Corporation F862BC104M310Z Datasheet HTML 7Page - Kemet Corporation F862BC104M310Z Datasheet HTML 8Page - Kemet Corporation F862BC104M310Z Datasheet HTML 9Page - Kemet Corporation F862BC104M310Z Datasheet HTML 10Page - Kemet Corporation F862BC104M310Z Datasheet HTML 11Page - Kemet Corporation F862BC104M310Z Datasheet HTML 12Page - Kemet Corporation F862BC104M310Z Datasheet HTML 13Page - Kemet Corporation F862BC104M310Z Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3092_F862_X2_310 • 9/23/2016 11
Film Capacitors – AC Line EMI Suppression and RC Networks
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Marking
KEMET or
KEC
IEC Climatic Category
Approval
Marks
TOP
FRONT
Capacitance Capacitance
Tolerance
Series &
Safety Class
Rated
Voltage
Passive
Flammability
Class
Manufacturing
Date Code
Passive Flammability
Category:
B for volume ≥ 1750 mm3
C for volume < 1750 mm3
Packaging Quantities
Size
Code
Lead
Spacing
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short Leads
Bulk
Long Leads
Ammo
Pizza
BG
15
6
12
18
1750
1000
680
935
BK
7.5
13.5
18
1000
800
500
748
BP
8.5
14.5
18
1000
650
440
663
BS
10
16
18
750
550
380
561
BY
11
19
18
450
400
340
510
BZ
12
20
18
350
300
330
459
DB
22.5
6
14.5
26
805
450
464
660
DI
7
16
26
700
450
380
564
DJ
8.5
17
26
450
350
280
468
DO
10
18.5
26
360
350
235
396
DP
11
20
26
300
200
217
360
DU
13
22
26
230
150
200
300
FC
27.5
11.0
20.0
31.5
300
FI
13.0
25.0
31.5
250
FN
14.0
28.0
31.5
230
FS
19.0
29.0
31.5
170
FY
22.0
37.0
31.5
150


Similar Part No. - F862BC104M310Z

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
   F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
More results

Similar Description - F862BC104M310Z

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
   F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
F862BS394K310ALR0L KEMET-F862BS394K310ALR0L Datasheet
64Kb / 1P
   F862, Film, Metallized Polypropylene, Automotive Safety, 0.39 uF, 10%, 310 VAC (X2), 630 VDC, 110C, Lead Spacing = 15mm
F862DU125K310Z KEMET-F862DU125K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 1.2 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 22.5mm
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F862BK154K310Z KEMET-F862BK154K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.15 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
F862BY474K310Z KEMET-F862BY474K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.47 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
F862DO474K310Z KEMET-F862DO474K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.47 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 22.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com