Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F862BC104M310Z Datasheet(PDF) 8 Page - Kemet Corporation

Part # F862BC104M310Z
Description  F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F862BC104M310Z Datasheet(HTML) 8 Page - Kemet Corporation

Back Button F862BC104M310Z Datasheet HTML 4Page - Kemet Corporation F862BC104M310Z Datasheet HTML 5Page - Kemet Corporation F862BC104M310Z Datasheet HTML 6Page - Kemet Corporation F862BC104M310Z Datasheet HTML 7Page - Kemet Corporation F862BC104M310Z Datasheet HTML 8Page - Kemet Corporation F862BC104M310Z Datasheet HTML 9Page - Kemet Corporation F862BC104M310Z Datasheet HTML 10Page - Kemet Corporation F862BC104M310Z Datasheet HTML 11Page - Kemet Corporation F862BC104M310Z Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3092_F862_X2_310 • 9/23/2016
8
Film Capacitors – AC Line EMI Suppression and RC Networks
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Manual Soldering Recommendations
Following is the recommendation for manual
soldering with a soldering iron.
The soldering iron tip temperature should
besetat350°C(+10°Cmaximum)withthe
soldering duration not to exceed more than 3
seconds.
Recommended Soldering Temperature
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
7
8
Soldering time (sec)
Soldering Process
The implementation of the RoHS directive has resulted in the selection of SnAgCu (SAC) alloys or SnCu alloys as primary solder.
Thishasincreasedtheliquidustemperaturefromthatof183ºCforSnPbeutecticalloyto217–221ºCforthenewalloys.Asa
result,theheatstresstothecomponents,eveninwavesoldering,hasincreasedconsiderablyduetohigherpre-heatandwave
temperatures.Polypropylenecapacitorsareespeciallysensitivetoheat(themeltingpointofpolypropyleneis160–170ºC).Wave
solderingcanbedestructive,especiallyformechanicallysmallpolypropylenecapacitors(withleadspacingof5mmto15mm),
andgreatcarehastobetakenduringsoldering.TherecommendedsolderprofilesfromKEMETshouldbeused.Pleaseconsult
KEMETwithanyquestions.Ingeneral,thewavesolderingcurvefromIECPublication61760-1Edition2servesasasolidguideline
for successful soldering. Please see Figure 1.
Reflowsolderingisnotrecommendedforthrough-holefilmcapacitors.Exposingcapacitorstoasolderingprofileinexcessofthe
abovetherecommendedlimitsmayresulttodegradationorpermanentdamagetothecapacitors.
Do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. Insert
through-holepartsafterthecuringofsurfacemountparts.ConsultKEMETtodiscusstheactualtemperatureprofileintheoven,
if through-hole components must pass through the adhesive curing process. A maximum two soldering cycles is recommended.
Pleaseallowtimeforthecapacitorsurfacetemperaturetoreturntoanormaltemperaturebeforethesecondsolderingcycle.
Wave Soldering Recommendations
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Time (s)
ca 2°C/s
ca 3.5°C/s typical
ca 5°C/s
Cooling
2+3s max
115°C max
Tpreheat
ΔT <150°C
100°C
Preheating
Typical
First wave
Second wave
260°C


Similar Part No. - F862BC104M310Z

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
More results

Similar Description - F862BC104M310Z

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
Metallized Polypropylene Film, Class X2, 310 VAC
F862BS394K310ALR0L KEMET-F862BS394K310ALR0L Datasheet
64Kb / 1P
F862, Film, Metallized Polypropylene, Automotive Safety, 0.39 uF, 10%, 310 VAC (X2), 630 VDC, 110C, Lead Spacing = 15mm
F862DU125K310Z KEMET-F862DU125K310Z Datasheet
57Kb / 1P
F862, Film, Metallized Polypropylene, Safety, 1.2 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 22.5mm
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F862BK154K310Z KEMET-F862BK154K310Z Datasheet
57Kb / 1P
F862, Film, Metallized Polypropylene, Safety, 0.15 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
F862BY474K310Z KEMET-F862BY474K310Z Datasheet
57Kb / 1P
F862, Film, Metallized Polypropylene, Safety, 0.47 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
F862DO474K310Z KEMET-F862DO474K310Z Datasheet
57Kb / 1P
F862, Film, Metallized Polypropylene, Safety, 0.47 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 22.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com