Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH8230 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PH8230
Description  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH8230 Datasheet(HTML) 1 Page - NXP Semiconductors

  PH8230 Datasheet HTML 1Page - NXP Semiconductors PH8230 Datasheet HTML 2Page - NXP Semiconductors PH8230 Datasheet HTML 3Page - NXP Semiconductors PH8230 Datasheet HTML 4Page - NXP Semiconductors PH8230 Datasheet HTML 5Page - NXP Semiconductors PH8230 Datasheet HTML 6Page - NXP Semiconductors PH8230 Datasheet HTML 7Page - NXP Semiconductors PH8230 Datasheet HTML 8Page - NXP Semiconductors PH8230 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PH8230
N-channel enhancement mode field-effect transistor
Rev. 01 — 23 June 2003
Product data
M3D748
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect power transistor in a SOT669 (LFPAK)
package.
Product availability:
PH8230 in SOT669 (LFPAK).
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
s Low thermal resistance
s SO8 equivalent area footprint
s Low gate drive current
s Low on-state resistance.
s DC-to-DC converters
s Switched mode power supplies
s Portable appliances
s Notebook computers.
s VDS ≤ 30 V
s ID ≤ 30 A
s Ptot ≤ 50 W
s RDSon ≤ 8.2 mΩ
Table 1:
Pinning - SOT669 (LFPAK), simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1,2,3
source (s)
SOT669 (LFPAK)
4
gate (g)
mb
drain (d)
1
Top view
MBL286
23
mb
4
MBL288
d
s1 s2 s3
g


Similar Part No. - PH8230

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH8230E PHILIPS-PH8230E Datasheet
84Kb / 12P
N-CHANNEL TRENCHMOSTM ENHANCED LOGIC LEVEL FET
Rev. 03-02 March 2004
PH8230E NXP-PH8230E Datasheet
184Kb / 12P
N-channel TrenchMOS logic level FET
Rev. 04-17 November 2009
logo
Nexperia B.V. All right...
PH8230E NEXPERIA-PH8230E Datasheet
299Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 04 - 17 November 2009
More results

Similar Description - PH8230

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com