Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH8230 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PH8230
Description  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH8230 Datasheet(HTML) 5 Page - NXP Semiconductors

  PH8230 Datasheet HTML 1Page - NXP Semiconductors PH8230 Datasheet HTML 2Page - NXP Semiconductors PH8230 Datasheet HTML 3Page - NXP Semiconductors PH8230 Datasheet HTML 4Page - NXP Semiconductors PH8230 Datasheet HTML 5Page - NXP Semiconductors PH8230 Datasheet HTML 6Page - NXP Semiconductors PH8230 Datasheet HTML 7Page - NXP Semiconductors PH8230 Datasheet HTML 8Page - NXP Semiconductors PH8230 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
PH8230
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 23 June 2003
5 of 12
9397 750 11118
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
5.
Characteristics
Table 4:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 10 mA; VGS = 0 V
30
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS
1
1.75
2.5
V
IDSS
drain-source leakage current
VDS =30V; VGS =0V; Tj =25 °C
-
0.06
1
µA
IGSS
gate-source leakage current
VGS = ± 16 V; VDS = 0 V
-
0.9
10
µA
RDSon
drain-source on-state resistance
VGS = 10 V; ID = 15 A
-
6.3
8.2
m
VGS = 4.5 V; ID = 15 A
-
10.5
15.3
µΩ
Dynamic characteristics
gfs
forward transconductance
VDS =10V; ID =15A
27
45
-
S
Qg(tot)
total gate charge
ID = 30 A; VDD =10V; VGS =10V
-
22
-
nC
Qgs
gate-source charge
-
5
-
nC
Qgd
gate-drain (Miller) charge
-
5
-
nC
Ciss
input capacitance
VGS =0V; VDS = 10 V; f = 1 MHz
-
1500 -
pF
Coss
output capacitance
-
400
-
pF
Crss
reverse transfer capacitance
-
220
-
pF
td(on)
turn-on delay time
VDD =10V; ID = 15 A; VGS =10V;RG = 4.7 Ω
-15
-
ns
tr
rise time
-55
-
ns
td(off)
turn-off delay time
-
48
-
ns
tf
fall time
-11
-
ns
Source-drain (reverse) diode
VSD
source-drain (diode forward) voltage IS = 30 A; VGS = 0 V
-
0.85
1.11
V
trr
reverse recovery time
IS = 30 A; dIS/dt = −50 A/µs; VGS = 0 V
-
60
-
ns


Similar Part No. - PH8230

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH8230E PHILIPS-PH8230E Datasheet
84Kb / 12P
N-CHANNEL TRENCHMOSTM ENHANCED LOGIC LEVEL FET
Rev. 03-02 March 2004
PH8230E NXP-PH8230E Datasheet
184Kb / 12P
N-channel TrenchMOS logic level FET
Rev. 04-17 November 2009
logo
Nexperia B.V. All right...
PH8230E NEXPERIA-PH8230E Datasheet
299Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 04 - 17 November 2009
More results

Similar Description - PH8230

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com