Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-EBU15006HF4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-EBU15006HF4
Description  Screw mounting only
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-EBU15006HF4 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-EBU15006HF4 Datasheet HTML 1Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 2Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 3Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 4Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 5Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 6Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-EBU15006HF4
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-15
3
Document Number: 94806
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
VFM - Forward Voltage Drop (V)
0.0
0.5
1.0
1.5
2.0
1
10
100
1000
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C
VR - Reverse Voltage (V)
0
100
200
300
400
500
600
0.0001
0.001
0.01
0.1
1
10
100
1000
175 °C
25 °C
150 °C
125 °C
VR - Reverse Voltage (V)
0
100
200
300
400
500
600
1
10
100
t1 - Rectangular Pulse Duration (s)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
0.01
0.1
1
Single Pulse
(Thermal Resistance)
D = 0.05
D = 0.02
D = 0.01
D = 0.1
D = 0.2
D = 0.5


Similar Part No. - VS-EBU15006HF4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4 Datasheet
146Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED Pt짰
01-Jan-2022
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4_V01 Datasheet
146Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-EBU15006HF4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Delta Electronics, Inc.
10C2 DELTA-10C2 Datasheet
102Kb / 2P
SCREW MOUNTING
10C3 DELTA-10C3 Datasheet
102Kb / 2P
SCREW MOUNTING
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Semikron International
SK50GAL065DEC SEMIKRON-SK50GAL065DEC Datasheet
337Kb / 5P
One Screw Mounting
logo
FIBOX Enclosing innovat...
4712049 FIBOX-4712049 Datasheet
36Kb / 1P
Mounting screw
26.07.2023
3570678 FIBOX-3570678 Datasheet
36Kb / 1P
Mounting screw
31.07.2023
7028549 FIBOX-7028549 Datasheet
52Kb / 1P
Mounting screw M6x8
02.08.2023
5514042 FIBOX-5514042 Datasheet
38Kb / 1P
Mounting screw
11.08.2023
7028036 FIBOX-7028036 Datasheet
45Kb / 1P
Mounting screw
11.08.2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com