Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-EBU15006HF4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-EBU15006HF4
Description  Screw mounting only
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-EBU15006HF4 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-EBU15006HF4 Datasheet HTML 1Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 2Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 3Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 4Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 5Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 6Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-EBU15006HF4
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-15
1
Document Number: 94806
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Soft Recovery Diode, 150 A FRED Pt®
FEATURES
• Ultrafast recovery time
• 175 °C max. operating junction temperature
• Screw mounting only
• AEC-Q101 qualified
• PowerTab® package
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
BENEFITS
• Reduced RFI and EMI
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION/APPLICATIONS
These diodes are optimized to reduce losses and EMI/RFI in
high frequency power conditioning systems.
The softness of the recovery eliminates the need for a
snubber in most applications. These devices are ideally
suited for HF welding, power converters and other
applications where switching losses are not significant
portion of the total losses.
PRODUCT SUMMARY
Package
PowerTab®
IF(AV)
150 A
VR
600 V
VF at IF
1.08 V
trr (typ.)
50 ns
TJ max.
175 °C
Diode variation
Single die
Cathode
Anode
PowerTab®
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
600
V
Continuous forward current
IF(AV)
TC = 89 °C
150
A
Single pulse forward current
IFSM
TC = 25 °C
1200
Operating junction and storage
temperatures
TJ, TStg
-55 to +175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 200 μA
600
-
-
V
Forward voltage
VF
IF = 150 A
-
1.27
1.63
IF = 150 A, TJ = 125 °C
-
1.15
1.43
IF = 150 A, TJ = 175 °C
-
1.08
1.32
Reverse leakage current
IR
VR = VR rated
-
-
8
μA
TJ = 150 °C, VR = VR rated
-
-
0.5
mA
Junction capacitance
CT
VR = 600 V
-
70
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
3.5
-
nH


Similar Part No. - VS-EBU15006HF4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4 Datasheet
146Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt짰
01-Jan-2022
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4_V01 Datasheet
146Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-EBU15006HF4

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
3570678 FIBOX-3570678 Datasheet
36Kb / 1P
   Mounting screw
31.07.2023
logo
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
   SCREW MOUNTING
logo
Delta Electronics, Inc.
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
   SCREW MOUNTING
logo
FIBOX Enclosing innovat...
4712049 FIBOX-4712049 Datasheet
36Kb / 1P
   Mounting screw
26.07.2023
logo
Delta Electronics, Inc.
10C3 DELTA-10C3 Datasheet
102Kb / 2P
   SCREW MOUNTING
logo
FIBOX Enclosing innovat...
5514042 FIBOX-5514042 Datasheet
38Kb / 1P
   Mounting screw
11.08.2023
logo
Delta Electronics, Inc.
10C2 DELTA-10C2 Datasheet
102Kb / 2P
   SCREW MOUNTING
logo
FIBOX Enclosing innovat...
7028036 FIBOX-7028036 Datasheet
45Kb / 1P
   Mounting screw
11.08.2023
7028549 FIBOX-7028549 Datasheet
52Kb / 1P
   Mounting screw M6x8
02.08.2023
logo
Semikron International
SK50GAL065DEC SEMIKRON-SK50GAL065DEC Datasheet
337Kb / 5P
   One Screw Mounting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com