Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-EBU15006HF4 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-EBU15006HF4
Description  Screw mounting only
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-EBU15006HF4 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-EBU15006HF4 Datasheet HTML 1Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 2Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 3Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 4Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 5Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 6Page - Vishay Siliconix VS-EBU15006HF4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 08-Jun-15
1
Document Number: 95240
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerTab®
DIMENSIONS in millimeters (inches)
15.90 (0.62)
15.60 (0.61)
15.60 (0.61)
14.80 (0.58)
5.45 REF.
(0.21 REF.)
1.30 (0.05)
1.10 (0.04)
3.09 (0.12)
3.00 (0.11)
1.35 (0.05)
1.20 (0.04)
0.60 (0.02)
0.40 (0.01)
12.20 (0.48)
12.00 (0.47)
Ø 4.20 (Ø 0.16)
Ø 4.00 (Ø 0.15)
Ø 4.20 (Ø 0.16)
Ø 4.00 (Ø 0.15)
Lead 1
Lead 2
Lead assignments
Lead 1 = Cathode
Lead 2 = Anode


Similar Part No. - VS-EBU15006HF4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4 Datasheet
146Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED Pt짰
01-Jan-2022
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4_V01 Datasheet
146Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-EBU15006HF4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Delta Electronics, Inc.
10C2 DELTA-10C2 Datasheet
102Kb / 2P
SCREW MOUNTING
10C3 DELTA-10C3 Datasheet
102Kb / 2P
SCREW MOUNTING
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Semikron International
SK50GAL065DEC SEMIKRON-SK50GAL065DEC Datasheet
337Kb / 5P
One Screw Mounting
logo
FIBOX Enclosing innovat...
4712049 FIBOX-4712049 Datasheet
36Kb / 1P
Mounting screw
26.07.2023
3570678 FIBOX-3570678 Datasheet
36Kb / 1P
Mounting screw
31.07.2023
7028549 FIBOX-7028549 Datasheet
52Kb / 1P
Mounting screw M6x8
02.08.2023
5514042 FIBOX-5514042 Datasheet
38Kb / 1P
Mounting screw
11.08.2023
7028036 FIBOX-7028036 Datasheet
45Kb / 1P
Mounting screw
11.08.2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com