Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9800 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9800
Description  Integrated Ambient Light and Proximity Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9800 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9800 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Electrical & Optical Specifications (Ta=25°C)
Parameters
Symbol
Minimum Typical
Maximum Units
Conditions
ALS+PS Module
Shutdown Current
ISD
0.3
1
PA
Vcc = 3 V, PS_ENB = 3 V, Lux = 0
Idle Current
Icc
325
500
675
PA
Vcc = 3 V, PS_ENB = 0 V, Lux = 0
ALS Output
Photo Current
I_PH1
15
26
PA
Vcc =3 V, Lux = 100 (1)
Dark Current
I_DARK
300
nA
Vcc = 3 V, Lux = 0
Light Current Ratio
1.2
Incandescent / Fluorescent
Rise Time
Tr
5
ms
R4 = 1k
:, Lux = 100
Fall Time
Tf
5
ms
R4 = 1k
:, Lux = 100
Propagation delay
Td
5
ms
R4 = 1k
:, Lux = 100
Saturation voltage
Vsat
1.0
V
R4 = 150k
:, Vcc = 3 V, Lux = 100
PS Input
Logic High Voltage, LEDON
VIH
1.8
V
Logic High Voltage, PS_ENB
VIH
1.8
V
Logic Low Voltage, LEDON
VIL
0
0.3
V
Logic Low Voltage, PS_ENB
VIL
0
0.3
V
Logic High Input Current, LEDON
IIH
0.1
1
PA
VI ≥ VIH
Logic High Input Current, PS_ENB
IIH
0.1
1
PA
VI ≥ VIH
Logic Low Input Current, LEDON
IIL
0.1
1
PA
VI ≤ VIL
Logic Low Input Current, PS_ENB
IIL
0.1
1
PA
VI ≤ VIL
PS Output
Analog Output
VPFILT
0.65
1.9
3.0
V
VCC = 3 V, ENB = 0 V,
LEDON = 10k Hz, 50% DC,
50 pulses; R3 = 1M ohm,
C3 = 3.3 nF;
Kodak 18% Grey card at
detectable distance = 20 mm
from the APDS-9800.
Digital Output Low Level, PS_DOUT
VOL
0
0.4
V
Crosstalk
VPFILT
@
Crosstalk
0
0.2
V
VCC = 3 V, ENB = 0 V,
LEDON = 10k Hz, 50% DC,
50 pulses; R3 = 1M ohm,
C3 = 3.3 nF;
No blocking object
Max ILED Pulse Width
Max-PW
120
Ps
Vcc = 3 V, PS_ENB = 0 V
ILED Pulse Current
ILED
120
mA
Vcc = 3 V, R1 = 10
:
Transmitter
Rise Time (LEDA)
TR
40
ns
Vcc = 3 V , ILED = 120 mA,
Freq = 10k Hz
Fall Time (LEDA)
TF
–40
ns
PS Receiver
Rise Time(PS_DOUT)
TR
–1
Ps
Vcc = 3 V, R2 = 10k
:,
Frequency = 10k Hz
Fall Time(PS_DOUT)
TF
–1
Ps
PS Hysteresis Comparator
Hysteresis
VHYS
40
mV
Vcc= 3 V
Threshold Voltage
VTH
655
mV
Vcc= 3 V
PS Sunlight Cancellation
Sun Light Illuminance
Isun
100K
Lux
Vcc= 3 V
Note:
1. White LED is used as light source.


Similar Part No. - APDS-9800

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
More results

Similar Description - APDS-9800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com