Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9800 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9800
Description  Integrated Ambient Light and Proximity Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9800 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9800 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Ordering Information
Part Number
Packaging
Quantity
APDS-9800-021
Tape & Reel
2500 per reel
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Conditions
Supply Voltage
VCC
04V
TA = 25°C
Input Logic Voltage
VI
0
4
V
TA = 25°C
Reflow Soldering Temperature
260
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TA
-40
85
°C
Storage Temperature
TS
-40
85
°C
Supply Voltage
VCC
2.4
3.6
V


Similar Part No. - APDS-9800

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
More results

Similar Description - APDS-9800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com