Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9800 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9800
Description  Integrated Ambient Light and Proximity Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9800 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9800 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved.
AV02-2132EN - March 21, 2011
The distance between the bottom of the window and the sensor top–the air gap– should be as close as possible and not
more than 0.2 mm. For optimum performance, windows thickness should be limited to not more than 0.8mm.
Window and Light Guide Recommendations
Transparent window with IR coating (IR pass of around 90% and minimum 30% visible pass) is recommended in order to
pass both visible and infrared light. The material of the window is recommended to be polycarbonate. The surface finish
of the plastic should be smooth, without any texture.
The recommended plastic material for use as a window is available from Bayer AG and Bayer Antwerp N. V. (Europe),
Bayer Corp.(USA) and Bayer Polymers Co., Ltd. (Thailand), as shown in Table below.
Recommended Plastic Materials
Material number
Visible light transmission*
Refractive index
Makrolon LQ2647
87%
1.587
Makrolon LQ3147
87%
1.587
Makrolon LQ3187
85%
1.587
* Transmittance of visible light will reduce if plastic window is coated with IR ink
To ensure that the performance of the APDS-9800 will not be affected by improper window design, there are some
constraints on the dimensions and design of the window so that the maximum size of the window, which is placed in
front of the photo light sensor, will not affect the angular response of the APDS-9800. This maximum dimension that is
recommended will ensure an acceptable light reception cone.
Windows thickness
Air gap
Plastic Window
IR absorbing area
IR pass area
Filter
APDS-9800
Side view of IR pass areas for window design
IR pass areas
1.2 mm
3 mm
0.7 mm
0.7 mm
Top view of IR pass areas for window design


Similar Part No. - APDS-9800

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
More results

Similar Description - APDS-9800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com