Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9800 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9800
Description  Integrated Ambient Light and Proximity Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9800 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9800 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Process Zone
Symbol
'T
Maximum
'T/'time or Duration
Heat Up
P1, R1
25°C to 150°C
3°C/s
Solder Paste Dry
P2, R2
150°C to 200°C
100s to 180s
Solder Reflow
P3, R3
P3, R4
200°C to 260°C
260°C to 200°C
3°C/s
-6°C/s
Cool Down
P4, R5
200°C to 25°C
-6°C/s
Time Maintained Above Liquidus Point, 217°C
> 217°C
60s to 120s
Peak Temperature
260°C
Time within 5°C of Actual Peak Temperature
> 255°C
20s to 40s
Time 25°C to Peak Temperature
25°C to 260°C
8minutes
Recommended Reflow Profile
50
100
300
150
200
250
t-TIME
(SECONDS)
25
80
120
150
180
200
230
255
0
R1
R2
R3
R4
R5
217
MAX 260C
60 sec to 90 sec
Above 217 C
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL DOWN
The reflow profile is a straight-line representation of
a nominal temperature profile for a convective reflow
solder process. The temperature profile is divided into
four process zones, each with different
'T/'time tem-
perature change rates or duration. The
'T/'time rates or
duration are detailed in the above table. The temperatures
are measured at the component to printed circuit board
connections.
In process zone P1, the PC board and component pins are
heated to a temperature of 150°C to activate the flux in
the solder paste. The temperature ramp up rate, R1, is
limited to 3°C per second to allow for even heating of both
the PC board and component pins.
Process zone P2 should be of sufficient time duration (100
to 180 seconds) to dry the solder paste. The temperature
is raised to a level just below the liquidus point of the
solder.
Process zone P3 is the solder reflow zone. In zone P3, the
temperature is quickly raised above the liquidus point of
solder to 260°C (500°F) for optimum results. The dwell time
above the liquidus point of solder should be between 60
and 120 seconds. This is to assure proper coalescing of the
solder paste into liquid solder and the formation of good
solder connections. Beyond the recommended dwell
time the intermetallic mm growth within the solder con-
nections becomes excessive, resulting in the formation of
weak and unreliable connections. The temperature is then
rapidly reduced to a point below the solidus temperature
of the solder to allow the solder within the connections to
freeze solid.
Process zone P4 is the cool down after solder freeze. The cool
down rate, R5, from the liquidus point of the solder to
25°C (77°F) should not exceed 6°C per second maximum.
This limitation is necessary to allow the PC board and
component pins to change dimensions evenly, putting
minimal stresses on the component.
It is recommended to perform reflow soldering no more
than twice.


Similar Part No. - APDS-9800

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
More results

Similar Description - APDS-9800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com