Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9800 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9800
Description  Integrated Ambient Light and Proximity Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9800 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9800 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9800 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
APDS-9800
Integrated Ambient Light and Proximity Sensor
Data Sheet
Description
The APDS-9800 integrates ambient light sensor (ALS),
proximity sensor (PS) and ambient light cancelation
functions in a single module. The module contains three
chips in one small package: an ambient light sensor
IC, a proximity sensor signal conditioning circuit and a
proximity sensor that includes both an LED emitter and
detector.
The ambient light sensor has a spectral response close to
the CIE standard photopic observer and a current output.
The proximity sensor signal conditioning circuit has an
LED driver and a receiver circuit that has both analog and
digital outputs. With the built-in LED, the proximity sensor
is able to sense the proximity of an object, such as a finger,
hand or head that is close to a portable device. The PS also
features an excellent ambient light cancellation circuit for
operation in direct sunlight.
By detecting the ambient light illuminance level, the
ambient light sensor can control the brightness of display
backlights.
The proximity sensor makes many interesting and useful
applications possible. For example, a proximity sensor
can detect the proximity of a mobile phone user’s head
and turn off or on the phone keypad and LCD backlight.
By combining an ambient light sensor and proximity
sensor in a single compact module, mobile phones, PDAs
and notebooks can have additional features or benefit
from increased performance, such as in battery life.
Features
x Integrated module with ambient light sensor, proximity
sensor and signal conditioning IC
x Small form factor: L 4.95 x W 3.0 x H 1.45 mm
x Supply voltage range: 2.4 V to 3.6 V
x Spectral responsivity closely matches the human eye
x Built-in LED and detector for proximity detection
x Low sensitivity variation across various light sources
x Linear output across a wide illumination range
x Operates under strong sunlight and artificial light
x Controlled LED driving current, pulse and burst
parameters
x Controlled output voltage and integration time with
an external resistor and capacitor
x LED stuck High protection
x Both analog and digital outputs available
x Shutdown mode for low current consumption
x Lead-free and RoHS compliant
Applications
x PDAs
x Mobile phones
x Portable and handheld devices
x Personal computers, netbooks and notebooks
x Amusement products
x Games
x Vending Machines


Similar Part No. - APDS-9800

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
More results

Similar Description - APDS-9800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com