Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2306 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2306
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2306 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2306 Datasheet HTML 8Page - National Semiconductor (TI) LMX2306 Datasheet HTML 9Page - National Semiconductor (TI) LMX2306 Datasheet HTML 10Page - National Semiconductor (TI) LMX2306 Datasheet HTML 11Page - National Semiconductor (TI) LMX2306 Datasheet HTML 12Page - National Semiconductor (TI) LMX2306 Datasheet HTML 13Page - National Semiconductor (TI) LMX2306 Datasheet HTML 14Page - National Semiconductor (TI) LMX2306 Datasheet HTML 15Page - National Semiconductor (TI) LMX2306 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
1.0 Functional Description (Continued)
TABLE 5. FastLock Decoding
FastLock Status
F[8]
F[9]
F[10]
N[19]
(Note 7)
FastLock State
FastLock Mode #1
1
0
0
1 (Note 7)
No Timeout Counter - 1X Divider
FastLock Mode #2
1
0
1
1
Timeout Counter - 1X Divider
FastLock Mode #3
1
1
0
1 (Note 7)
No Timeout Counter - 1/4X Divider
FastLock Mode #4
1
1
1
1
Timeout Counter - 1/4X Divider
Note 7: When the GO bit N[19] is set to one, the part is forced into the high gain mode. When the timeout counter is activated, termination of the counter cycle resets
the GO bit to 0. If the timeout counter is not activated, N[19] must be reprogrammed to zero in order to remove the high gain state. See below for descriptions of each
individual FastLock mode.
There are two techniques of switching in and out of FastLock. To program the device into any of the FastLock modes, the GO bit
N[19] must be set to one to begin FastLock operation. In the first approach, the timeout counter can be used (FastLock 2 and 4)
to stay in FastLock mode for a programmable number of phase detector reference cycles (up to 63) and then reset the GO bit
automatically. In the second approach (FastLock 1 and 3) without the timeout counter, the PLL will remain in FastLock mode until
the user resets the GO bit via the MICROWIRE serial bus. Once the GO bit is set to zero by the timeout counter or by MICROW-
IRE, the PLL will then return to normal operation. This transition does not effect the charge on the loop filter capacitors and is en-
acted synchronous with the charge pump output. This creates a nearly seamless transition between FastLock and standard
mode.
FastLock Mode 1 In this mode, the output level of the FL
o is programmed in a low state while the ICPo is in the 4x state. The
device remains in this state until a command is received, resetting the N[19] bit to zero. Programming N[19]
to zero will return the device to normal operation*., i.e., ICP
o = 1x and FLo returned to TRI-STATE.
FastLock Mode 2 Identical to mode 1, except the switching of the device out of FastLock is controlled by the Timeout counter.
The device will remain in FastLock until the timeout counter has counted down the appropriate number of
phase detector cycles, at which time the PLL returns to normal operation*.
FastLock Mode 3 This mode is similar to mode 1 in that the output level of the FL
o is low and the ICPo is switched to the 4x state.
Additionally, the R and N divide ratios are reduced by one fourth during the transient, resulting in a 16x im-
proved gain. As in mode 1, the device remains in this state until a MICROWIRE command is received, reset-
ting the N[19] bit to zero and returning the device to normal operation*.
FastLock Mode 4 Identical to mode 3, except the switching of the device out of FastLock is controlled by the Timeout counter.
The device will remain in FastLock until the timeout counter has counted down the appropriate number of
phase detector cycles, at which time the PLL returns to normal operation*.
*Normal Operation FastLock Normal Operation is defined as the device being in low current mode and standard divider values.
DS100127-8
www.national.com
12


Similar Part No. - LMX2306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2306 TI-LMX2306 Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications LMX2306 550 MHz, LMX2316 1.2 GHz, LMX2326 2.8 GHz
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com