Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2306 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2306
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2306 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2306 Datasheet HTML 1Page - National Semiconductor (TI) LMX2306 Datasheet HTML 2Page - National Semiconductor (TI) LMX2306 Datasheet HTML 3Page - National Semiconductor (TI) LMX2306 Datasheet HTML 4Page - National Semiconductor (TI) LMX2306 Datasheet HTML 5Page - National Semiconductor (TI) LMX2306 Datasheet HTML 6Page - National Semiconductor (TI) LMX2306 Datasheet HTML 7Page - National Semiconductor (TI) LMX2306 Datasheet HTML 8Page - National Semiconductor (TI) LMX2306 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMX2306/LMX2316/LMX2326
PLLatinumLow Power Frequency Synthesizer for RF
Personal Communications
LMX2306
550 MHz
LMX2316
1.2 GHz
LMX2326
2.8 GHz
General Description
The LMX2306/16/26 are monolithic, integrated frequency
synthesizers with prescalers that are designed to be used to
generate a very stable low noise signal for controlling the lo-
cal oscillator of an RF transceiver. They are fabricated using
National’s ABiC V silicon BiCMOS 0.5µ process.
The LMX2306 contains a 8/9 dual modulus prescaler while
the LMX2316 and the LMX2326 have a 32/33 dual modulus
prescaler. The LMX2306/16/26 employ a digital phase
locked loop technique. When combined with a high quality
reference oscillator and loop filter, the LMX2306/16/26 pro-
vide the feedback tuning voltage for a voltage controlled os-
cillator to generate a low phase noise local oscillator signal.
Serial data is transferred into the LMX2306/16/26 via a three
wire interface (Data, Enable, Clock). Supply voltage can
range from 2.3V to 5.5V. The LMX2306/16/26 feature ultra
low current consumption; LMX2306 - 1.7 mA at 3V,
LMX2316 - 2.5 mA at 3V, and LMX2326 - 4.0 mA at 3V.
The LMX2306/16/26 synthesizers are available in a 16-pin
TSSOP surface mount plastic package.
Features
n
2.3V to 5.5V operation
n
Ultra low current consumption
n
2.5V V
CC JEDEC standard compatible
n
Programmable or logical power down mode:
—I
CC = 1 µA typical at 3V
n
Dual modulus prescaler:
— LMX2306
8/9
— LMX2316/26
32/33
n
Selectable charge pump TRI-STATE® mode
n
Selectable FastLockmode with timeout counter
n
MICROWIREInterface
n
Digital Lock Detect
Applications
n
Portable wireless communications (PCS/PCN, cordless)
n
Wireless Local Area Networks (WLANs)
n
Cable TV tuners (CATV)
n
Pagers
n
Other wireless communication systems
Functional Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FastLock, PLLatinumand MICROWIREare trademarks of National Semiconductor Corporation.
DS100127-1
April 2000
© 2000 National Semiconductor Corporation
DS100127
www.national.com


Similar Part No. - LMX2306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2306 TI-LMX2306 Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications LMX2306 550 MHz, LMX2316 1.2 GHz, LMX2326 2.8 GHz
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com