Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA850.A.LBIC.001 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MA850.A.LBIC.001
Description  Worldwide 4G Bands including 3G and 2G
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA850.A.LBIC.001 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MA850.A.LBIC.001 Datasheet HTML 1Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 2Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 3Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 4Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 5Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 6Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 7Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 8Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
SPE-16-8-053/A/WY
Page 3 of 47
2. Specification (30*30cm Ground Plane)
BeiDou-GPS-GLONASS
Center Frequency
BeiDou:1561.098±2.046MHz
GPS:1575.42±1.023MHz
GLONASS:1602±5MHz
Passive Antenna
Efficiency
BeiDou: 49%
GPS: 44%
GLONASS: 58%
Passive Antenna Average
Gain
BeiDou: -3.1dBi
GPS: -3.5dBi
GLONASS: -2.4dBi
Passive Antenna Peak
Gain
BeiDou: 3.3dBi
GPS: 2.3dBi
GLONASS: 4.3dBi
VSWR
3:1 Max
Impedance
50Ω
Axial Ratio
BeiDou:<16.5
GPS:<6.2
GLONASS:<9.8
Polarization
RHCP
Cable
0.3 meter RG174 standard, fully customizable
Connector
SMA(M), standard, fully customizable
LNA and Filter Electrical Properties
Center Frequency
BeiDou: 1561.098±2.046MHz
GPS:1575.42±1.023MHz
GLONASS:1602±5MHz
Pout 1dB Gain
Compression Point
-6dBm Min. -2 dBm Typ. (1561MHz,1575.42MHz,1602MHz)
Output Impedance
50 Ohm
VSWR
< 2:1
Return Loss
10 dB Min.
LNA Gain, Current Draw,
and Noise Figure @GPS
Voltage
LNA
Gain(Typ.)
Current Draw(Typ.)
Noise Figure(Typ.)
Min 1.8V
28dB
7.9mA
1.9dB
Typ. 3.0V
28dB
8.3mA
2.7dB
Max 5.5V
30dB
8.3mA
2.2dB
Total specification (Through Antenna, SAW Filter, and LNA)
Frequency
1561.068±2.046MHz
1575.42±1.023MHz
1602±5MHz
Gain@3V
1575.42MHz:31±3dBi
1575.42MHz:31±3dBi
1602MHz:31±3dBi
Output Impedance
50Ω


Similar Part No. - MA850.A.LBIC.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
MA850 5in1 Permanent Mount Antenna
More results

Similar Description - MA850.A.LBIC.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
Worldwide 4G Bands including 3G and 2G
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
Worldwide 4G Bands including 3G and 2G
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
Worldwide 4G Bands including 3G and 2G
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
6Mb / 54P
Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com