Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA850.A.LBIC.001 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA850.A.LBIC.001
Description  Worldwide 4G Bands including 3G and 2G
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA850.A.LBIC.001 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA850.A.LBIC.001 Datasheet HTML 1Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 2Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 3Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 4Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 5Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 6Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 7Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 8Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
SPE-16-8-053/A/WY
Page 2 of 47
1. Introduction
The Colosseum MA850 5in1 antenna is a low profile, heavy-duty, fully IP67 waterproof
external M2M antenna for use in worldwide telematics applications which require best in
class LTE, Wi-Fi and GNSS performance. It is ideal for solutions that do not have space
for mounting the larger Pantheon dome antennas but still require good efficiency and gain.
This unique product, at only 57.4mm tall, delivers powerful worldwide 4G LTE MIMO
antenna technology at 700MHz/800MHz/1700MHz/1800MHz/2600MHz, dual-band Wi-Fi
MIMO, plus GPS-GLONASS-BeiDou for next generation location accuracy. The LTE antenna
also includes legacy 2G and 3G bands to enable fallback using he correct modems in areas
where there is no 4G signal.
Typical Applications include:
- Bus Telematics
- Remote Asset and Pipeline Monitoring
- HD Video over LTE
- First Responder and Emergency Services
- Automotive Vehicle Tracking and Telematics
LTE 4G applications demand high speed data uplink and downlink. High efficiency and
high gain MIMO antennas are necessary to achieve the required signal to noise ratio and
throughput required to solve these challenges. Taoglas also takes care to have high
isolation between the two MIMO antennas to prevent self-interference. Low loss cables
are used to keep efficiency high over long cable lengths. In contrast, smaller MIMO
antennas with poorer quality thinner cables will have much reduced efficiency and
isolation, which would lead to a large drop in system throughput or drops, and may indeed
not make a system connection at all.
The GPS-GLONASS-BeiDou active antenna has been carefully designed to work well on
GPS, GLONASS and BeiDou L1 bands, leading to higher location accuracy and stability of
tracking in urban environments.
Cable length and connector types are customizable. Contact your regional Taoglas sales
office for support.


Similar Part No. - MA850.A.LBIC.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
   MA850 5in1 Permanent Mount Antenna
More results

Similar Description - MA850.A.LBIC.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
   Worldwide 4G Bands including 3G and 2G
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com