Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA850.A.LBIC.001 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # MA850.A.LBIC.001
Description  Worldwide 4G Bands including 3G and 2G
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA850.A.LBIC.001 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  MA850.A.LBIC.001 Datasheet HTML 1Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 2Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 3Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 4Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 5Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 6Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 7Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 8Page - Taoglas antenna solutions MA850.A.LBIC.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
SPE-16-8-053/A/WY
Page 5 of 47
2.4GHz/5GHz Wi-Fi Antenna
Frequency (MHz)
2400~2500
4900~5850
Efficiency (%)
MIMO_1
30cm
50.34
48.64
1M
39.54
34.11
2M
28.65
20.75
3M
20.28
12.45
5M
10.53
4.55
MIMO_2
30cm
54.35
44.84
1M
42.78
31.39
2M
30.99
19.09
3M
21.94
11.45
5M
11.39
4.18
Average Gain(dBi)
MIMO_1
30cm
-3.00
-3.16
1M
-4.05
-4.70
2M
-5.45
-6.86
3M
-6.95
-9.08
5M
-9.97
-13.46
MIMO_2
30cm
-2.65
-3.52
1M
-3.70
-5.06
2M
-5.10
-7.22
3M
-6.60
-9.44
5M
-9.44
-13.82
Peak Gain(dBi)
MIMO_1
30cm
3.89
5.25
1M
2.79
3.65
2M
1.39
1.42
3M
-0.11
-0.77
5M
-3.01
-4.97
MIMO_2
30cm
3.88
5.46
1M
2.78
3.96
2M
1.38
1.86
3M
-0.12
-0.34
5M
-2.98
-4.64
Envelope Correlation Coefficient
2400MHz to 2500MHz <0.3
4900MHz to 5850MHz <0.3
Impedance
50Ω
Polarization
Linear
VSWR
2400MHz to 2500MHz < 2.0
4900MHz to 5850MHz < 3.5
Cable
0.3M RG174 standard, fully customizable
Connector
RP-SMA(M) standard, fully customizable


Similar Part No. - MA850.A.LBIC.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
   MA850 5in1 Permanent Mount Antenna
More results

Similar Description - MA850.A.LBIC.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
   Worldwide 4G Bands including 3G and 2G
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com