Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3209-021 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # HSDL-3209-021
Description  IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3209-021 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button HSDL-3209-021 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image

HSDL-3209 Tape and Reel Dimensions
Unit: mm
1.75 ± 0.1
7.5 ± 0.1
16.0 ± 0.2
4.0 ± 0.1
7.35 ± 0.1
4.0 ± 0.1
2.0 ± 0.1
2.93 ± 0.1
Progressive Direction
1.78 ± 0.1
0.3 ± 0.05
POLARITY
∅1.5 +0.1
0
Pin 7: GND
Pin 1: LEDA
Empty
(40mm min)
Parts Mounted
Leader
(400mm min)
Empty
(40mm min)
Unit: mm
LABEL
Detail A
Option #
"B"
330
80
Quantity
2500
021
"C"
∅13.0 ± 0.5
2.0 ± 0.5
21 ± 0.8
R1.0
Detail A
2.0 ± 0.5
16.4 +2
0
B
C


Similar Part No. - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3209-021 HP-HSDL-3209-021 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
   Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com