Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3208-S21 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # HSDL-3208-S21
Description  Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3208-S21 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  HSDL-3208-S21 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Electrical & Optical Specifications
Specifications (Min. & Max. values) hold over the recommended operating conditions unless otherwise noted.
Unspecified test conditions may be anywhere in their operating range. All typical values (Typ.) are at 25
°C with VCC set
to 3.0 V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Receiver
Viewing Angle
2
θ
30
°
Peak Sensitivity Wavelength
λp
880
nm
RXD Output
Logic High
VOH
VCC-0.2
VCC
VIOH = -200
µA, EI ≤ 1 µW/cm2
Logic Low
VOL
0
0.4
V
IOL = 200
µA, EI ≥ 8.1 µW/cm2
RXD Pulse Width (SIR)
tPW (SIR) 1
4.0
µs
θ ≤ 15°, CL =12 pF
RXD Rise and Fall Times
tr, tf
50
ns
CL =12 pF
Receiver Latency Time
tL
70
µs
Receiver Wake Up Time
tW
90
µs
Transmitter
Radiant Intensity
IEH
4
8
mW/sr
ILEDA = 50 mA,
θ ≤ 15°, VTXD ≥ VIH
T = 25
°C
Viewing Angle
2
θ
30
60
°
Peak Wavelength
λp
875
nm
Spectral Line Half Width
∆λ
35
nm
TXD Input Current
High
IH
0.02
10
µAVI ≥ VIH
Low
IL
-10
-0.02
10
µA0 ≤ VI _≤ VIL
LED Current
On
IVLED
50
mA
VI (TXD)
≥ VIH, VI (SD) ≤ VIL
Shutdown
IVLED
20
100
nA
VI (SD)
≥ VIH
Optical Pulse Width (SIR)
tPW (SIR) 1.5
1.6
1.8
µstPW (TXD) = 1.6 µs at 115.2 kbit/s
Maximum Optical PW
tPW(max.)
25
100
µs
TXD Rise and Fall Time (Optical)
tr, tf
600
ns
tpw (TXD) = 1.6
µs
LED Anode on State Voltage
VON(LEDA)
1.7
1.8
V
ILEDA = 50 mA, VI(TXD)
≥ VIH
Transceiver
Supply Current
Shutdown
ICC1
0.001
1
µAVSD ≥ VCC -0.5, TA = 25°C
Idle
ICC2
100
200
µAVI (TXD) ≤ VIL, EI = 0
Voltage
Active
ICC3
0.8
3.1
mA
VCC = 3.6 V, VI(TXD)≤ 1/3 VCC[12]
Receiver
Notes:
12.Typical value is at EI = 10 mW/cm2, maximum value is at EI = 500 mW/cm2.


Similar Part No. - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3208-021 HP-HSDL-3208-021 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com