Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3208-S21 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # HSDL-3208-S21
Description  Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3208-S21 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  HSDL-3208-S21 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Absolute Maximum Ratings
For implementations where case to ambient thermal resistance is
≤ _50°C/W.
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-40
+100
°C
Operating Temperature
TA
-25
+85
°C
LED Anode Voltage
VLEDA
0
6.5
V
Supply Voltage
VCC
0
6.5
V
Input Voltage: TXD, SD/Mode
VI
0
6.5
V
Output Voltage: RXD
VO
0
6.5
V
DC LED Transmit Current
ILED (DC)
50
mA
Peak LED Transmit Current
ILED (PK)
250
mA
10
Note:
10.
≤ 20% duty cycle, ≤ 90 µs pulse width.
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Operating Temperature
TA
-25
70
°C
Supply Voltage
VCC
2.4
3.6
V
Logic Input Voltage Logic High
VIH
2/3 VCC
VCC
V
Logic Low
VIL
0
1/3 VCC
V
Receiver Input
Logic High
EIH
0.0081
500
mW/cm2
For in-band signals
≤ 115.2kbit/s[11]
Logic Low
EIL
1
µW/cm2 For in-band signals[11]
LED (Logic High) Current
ILEDA
50
mA
Pulse Amplitude
Receiver Data Rate
9.6
115.2
kbit/s
Note:
11. An in-band optical signal is a pulse/sequence where the peak wavelength,
λp, is defined as 850 ≤ λp ≤ 900 nm, and the pulse characteristics
are compliant with the IrDA Serial Infrared Physical Layer Link Specification v1.4.
CAUTIONS: The BiCMOS inherent to the design of this component increases the component’s
susceptibility to damage from the electrostatic discharge (ESD). It is advised that normal static
precautions be taken in handling and assembly of this component to prevent damage and/or degradation
which may be induced by ESD.
for TXD, SD/Mode
Irradiance


Similar Part No. - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3208-021 HP-HSDL-3208-021 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com