Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3208-S21 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # HSDL-3208-S21
Description  Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3208-S21 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  HSDL-3208-S21 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Application Support
Information
The Application Engineering
group in Avago Technologies is
available to assist you with the
Order Information
Part Number
Packaging Type
Package
Quantity
HSDL-3208-021
Tape and Reel
Front View
2500
HSDL-3208-S21
Tape and Reel
Front View
2500
Recommended Application Circuit Components
Component
Recommended Value
Notes
R1
30
Ω ± 5%, 0.25 Watt for 2.4 <= VCC <= 3.6 V
CX1
0.47
µF ± 20%, X7R Ceramic
8
CX2
6.8
µF ± 20%, Tantalum
9
Notes:
8. CX1 must be placed within 0.7 cm of the HSDL-3208 to obtain optimum noise immunity.
9. In environments with noisy power supplies, supply rejection performance can be enhanced
by including CX2, as shown in “Figure 1: HSDL-3208 Functional Block Diagram” in Page 1.
technical understanding
associated with HSDL-3208
infrared transceiver module. You
can contact them through your
local Avago sales representatives
for additional details.
I/O Pins Configuration Table
Pin
Symbol
Description
I/O Type
Notes
1
LED A
LED Anode
Input
1
2
LED C
LED Cathode
2
3
TXD
Transmit Data
Input, Active High
3
4
RXD
Receive Data
Output, Active Low
4
5
SD/Mode
Shutdown
Input, Active High
5
6VCC
Supply Voltage
Supply Voltage
6
7
GND
Ground
Ground
7
Notes:
1. This pin can be connected directly to VCC (i.e. without series resistor) at less than 3 V.
2. Internally connected to the LED driver.
3. This pin is used to transmit serial data when SD pin is low. Do not float the pin. This pin has an internal 500 k
Ω pulldown with a typical input
capacitance of 2 pF.
4. This pin is capable of driving a standard CMOS or TTL load. No external pull-up or pull down resistor is required. It is in tri-state
mode when the transceiver is in shutdown mode. This pin tristates with a weak 500 k
Ω pullup resistor.
5. The transceiver is in shutdown mode if this pin is high. Do not float the pin.
6. Regulated, 2.4 to 3.6 volts.
7. Connect to system ground.
Marketing Information
The unit is marked with yww on
the back of the PCB.
y=year
ww=work week


Similar Part No. - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3208-021 HP-HSDL-3208-021 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com